Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S70GL02GP Datasheet(PDF) 10 Page - SPANSION

Part # S70GL02GP
Description  2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S70GL02GP Datasheet(HTML) 10 Page - SPANSION

Back Button S70GL02GP Datasheet HTML 6Page - SPANSION S70GL02GP Datasheet HTML 7Page - SPANSION S70GL02GP Datasheet HTML 8Page - SPANSION S70GL02GP Datasheet HTML 9Page - SPANSION S70GL02GP Datasheet HTML 10Page - SPANSION S70GL02GP Datasheet HTML 11Page - SPANSION S70GL02GP Datasheet HTML 12Page - SPANSION S70GL02GP Datasheet HTML 13Page - SPANSION S70GL02GP Datasheet HTML 14Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
8
S70GL-P MirrorBit
TM Flash Family
S70GL-P_00_01 December 4, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
6.
BGA Package Capacitance
Notes
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
Parameter Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
12
20
pF
COUT
Output Capacitance
VOUT = 0
20
24
pF
CIN2
Control Pin Capacitance
VIN = 0
16
20
pF
RESET#, WP#/ACC
Separated Control Pin
VIN = 0
84
90
pF
CE#
Separated Control Pin
VIN = 0
44
50
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com