Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC976CDGG Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC976CDGG
Description  10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC976CDGG Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC976CDGG Datasheet HTML 7Page - Texas Instruments TLC976CDGG Datasheet HTML 8Page - Texas Instruments TLC976CDGG Datasheet HTML 9Page - Texas Instruments TLC976CDGG Datasheet HTML 10Page - Texas Instruments TLC976CDGG Datasheet HTML 11Page - Texas Instruments TLC976CDGG Datasheet HTML 12Page - Texas Instruments TLC976CDGG Datasheet HTML 13Page - Texas Instruments TLC976CDGG Datasheet HTML 14Page - Texas Instruments TLC976CDGG Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TLC976C
10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
SLAS193 – OCTOBER 1998
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
CDS/AGC signal processor
The output from the CCD sensor is first fed to a correlated double sampler (CDS). The CCD signal is sampled
and held during both the reset reference interval and the video signal interval. By subtracting two resulting
voltage levels, the CDS removes low frequency noise from the output of the CCD sensor. Two sample/hold
control pulses (SHR and SHV) are required to perform the CDS function.
The CCD output is capacitively coupled to the TLC976. The AC coupling capacitor is clamped to establish
proper dc bias during the dummy pixel interval by the CLP2 input. The bias at the input to the TLC976 is set
to 2.7 V at VCC = 4.75 V. Normally, the CLP2 is applied at the sensor’s line rate.
The signal is sent to AGC after the CDS function is complete. The AGC gain can be adjusted from 5 dB to 39
dB by applying variable dc voltage from 0 V to 3 V at the AGCGAIN terminal.
A low-pass filter is installed at the AGC output to improve signal-to-noise ratio. After its output settles, it is
sampled and held by the SH-PULSE input for digitization. The SH-PULSE should synchronize with the ADC
clock.
The basic black level reference is established by clamping the AGC output to 1.66 V internally by the OBCLP
input during the optical black pixel period. A capacitor of 0.1
µF should be connected to the AGCCLP pin.
To prevent the black level from falling below the basic black level (1.66 V) during the blanking period, the AGC
output level is kept at 1.66 V by the BLK PULSE input. It is recommended that the BLK PULSE be kept low during
the entire blanking period.
The DRV block drives the ADC and adjusts the signal offset at the DRIVE OUT output. The offset can be
adjusted from –450 mV to 550 mV by applying control voltage on the OFFSET pin.
The VRT (3.5 V) and VRB (1.5 V) outputs provide voltage references for the ADC. They should be connected
to the VRT-IN and VRB-IN input pins externally.
analog-to-digital converter (ADC)
The A/DC in the TLC976 performs high-speed analog-to-digital conversion with 10-bit resolution using
semi-flash technique. The latency of the data output valid is 2.5 clocks.
Table 2. ADC Output Code
INPUT VOLTAGE
STEPS
DIGITAL OUTPUT CODE
INPUT VOLTAGE
STEPS
MSB
LSB
VRT
•
•
•
•
•
•
•
•
•
•
VRB
0
•
•
•
•
511
512
•
•
•
•
1023
1111111111
•
•
•
•
1000000000
0111111111
•
•
•
•
0000000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com