Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC976CDGG Datasheet(PDF) 15 Page - Texas Instruments

Part # TLC976CDGG
Description  10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC976CDGG Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC976CDGG Datasheet HTML 9Page - Texas Instruments TLC976CDGG Datasheet HTML 10Page - Texas Instruments TLC976CDGG Datasheet HTML 11Page - Texas Instruments TLC976CDGG Datasheet HTML 12Page - Texas Instruments TLC976CDGG Datasheet HTML 13Page - Texas Instruments TLC976CDGG Datasheet HTML 14Page - Texas Instruments TLC976CDGG Datasheet HTML 15Page - Texas Instruments TLC976CDGG Datasheet HTML 16Page - Texas Instruments TLC976CDGG Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
TLC976C
10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
SLAS193 – OCTOBER 1998
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
DGG (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040078 / F 12/97
48 PIN SHOWN
0,25
0,15 NOM
Gage Plane
6,00
6,20
8,30
7,90
0,75
0,50
Seating Plane
25
0,27
0,17
24
A
48
1
1,20 MAX
M
0,08
0,10
0,50
0
°–8°
56
14,10
13,90
48
DIM
A MAX
A MIN
PINS **
12,40
12,60
64
17,10
16,90
0,15
0,05
NOTES: B. All linear dimensions are in millimeters.
C. This drawing is subject to change without notice.
D. Body dimensions do not include mold protrusion not to exceed 0,15.
E. Falls within JEDEC MO-153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com