Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS171 Datasheet(PDF) 3 Page - DFI Inc

Part # CMS171
Description  10th Gen Intel® CoreTM Mini-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CMS171 Datasheet(HTML) 3 Page - DFI Inc

  CMS171 Datasheet HTML 1Page - DFI Inc CMS171 Datasheet HTML 2Page - DFI Inc CMS171 Datasheet HTML 3Page - DFI Inc CMS171 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.dfi.com
SPECIFICATION
Model Name
CMS171/CMS173-W480E
CMS171/CMS173-Q470E
SYSTEM
Processor
10th Gen Intel® LGA 1200 Socket Processors, TDP support up to 65W
Intel® Xeon® W-1290TE (10 Cores, 20M Cache, up to 4.5 GHz); 35W (ECC support on W480E SKU only)
Intel® Xeon® W-1270TE (8 Cores, 16M Cache, up to 4.4 GHz); 35W (ECC support on W480E SKU only)
Intel® Xeon® W-1250TE (6 Cores, 12M Cache, up to 3.8 GHz); 35W (ECC support on W480E SKU only)
Intel® Core™ i9-10900E (10 Cores, 20M Cache, up to 4.7 GHz); 65W
Intel® Core™ i9-10900TE (10 Cores, 20M Cache, up to 4.5 GHz); 35W
Intel® Core™ i7-10700E (8 Cores, 16M Cache, up to 4.5 GHz); 65W
Intel® Core™ i7-10700TE (8 Cores, 16M Cache, up to 4.4 GHz); 35W
Intel® Core™ i5-10500E (6 Cores, 12M Cache, up to 4.2 GHz); 65W
Intel® Core™ i5-10500TE (6 Cores, 12M Cache, up to 3.7 GHz); 35W
Intel® Core™ i3-10100E (4 Cores, 6M Cache, 3.8 GHz); 65W (ECC support on W480E SKU only)
Intel® Core™ i3-10100TE (4 Cores, 6M Cache, to 3.6 GHz); 35W (ECC support on W480E SKU only)
Intel® Pentium® G6400E (2 Cores, 4M Cache, 3.8 GHz); 58W (Q470E only)
Intel® Celeron® G5900E (2 Cores, 2M Cache, 3.2 GHz); 58W (Q470E only)
Intel® Celeron® G5900TE (2 Cores, 2M Cache, 3.0 GHz); 35W (Q470E only)
Chipset
Intel® W480E Chipset
Intel® Q470E Chipset
Memory
Two 260-pin SODIMM up to 64GB (ECC/Non-ECC)
Dual Channel DDR4 2933MHz
Two 260-pin SODIMM up to 64GB (Non-ECC)
Dual Channel DDR4 2933MHz
BIOS
AMI SPI 256Mbit
AMI SPI 256Mbit
GRAPHICS
Controller
Intel® UHD Graphics 630 (only Pentium G5400/
Celeron G4900 support 610 )
Intel® UHD Graphics 630 (only Pentium G5400/
Celeron G4900 support 610 )
Feature
OpenGL 4.5, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9,
JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: AVC/H.264, MPEG2, JPEG,
HEVC/H265, VP8, VP9
OpenGL 4.5, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9,
JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: AVC/H.264, MPEG2, JPEG,
HEVC/H265, VP8, VP9
Display
2 x DP++
DP: resolution up to 4096 x 2106 @ 60Hz
2 x DP++
DP: resolution up to 4096 x 2106 @ 60Hz
Dual Displays
2 x DP++
2 x DP++
EXPANSION
Interface
1 x PCIe x16 (Gen 3) (x8 signal)
1 x M.2 2230 E key (PCIe/USB 2.0/Intel CNVi
support) for WiFi6
1 x M.2 2280 M key (PCIe x4 Gen3 NVMe/SATA/
Intel Optane Memory support) for SSD
1 x M.2 3042/3052 B key (PCIe/USB3.0) for
4G LTE/5G with SIM holder
1 x PCIe x16 (Gen 3) (x8 signal)
1 x M.2 2230 E key (PCIe/USB 2.0/Intel CNVi
support) for WiFi6
1 x M.2 2280 M key (PCIe x4 Gen3 NVMe/SATA/
Intel Optane Memory support) for SSD
1 x M.2 3042/3052 B key (PCIe/USB3.0) for
4G LTE/5G with SIM holder
AUDIO
Audio Codec
Realtek ALC888
Realtek ALC888
ETHERNET
Controller
1 x Intel® I219LM PHY with iAMT12 and vPro
(10/100/1000Mbps) (Core i7/i5 supports iAMT)
1 x Intel® I211AT PCIe (10/100/1000Mbps)
1 x Intel® I219LM PHY with iAMT12 and vPro
(10/100/1000Mbps) (Core i7/i5 supports iAMT)
1 x Intel® I211AT PCIe (10/100/1000Mbps)
REAR I/O
Ethernet
2 x GbE (RJ-45)
2 x GbE (RJ-45)
Serial
1 x RS-232/422/485 (RS-232 w/ power) (DB-9)
1 x RS-232/422/485 (RS-232 w/ power) (DB-9)
USB
8 x USB 3.2 Gen2
4 x USB 3.2
8 x USB 3.2 Gen2
4 x USB 3.2
Display
2 x DP++
2 x DP++
INTERNAL I/O
Serial
1 x RS-232/422/485 (RS-232 w/ power)
(2.0mm pitch)
1 x RS-232/422/485 (RS-232 w/ power)
(2.0mm pitch)
Audio
1 x Front Audio Header
1 x Front Audio Header
SATA
2 x SATA 3.0 (up to 6Gb/s)
1 x SATA Power
RAID 0/1
2 x SATA 3.0 (up to 6Gb/s)
1 x SATA Power
RAID 0/1
DIO
1 x 8-bit DIO
1 x 8-bit DIO
LPC
1 x LPC
1 x LPC
SMBus
1 x SMBus
1 x SMBus
WATCHDOG
TIMER
Output &
Interval
System Reset, Programmable via Software from
1 to 255 Seconds
System Reset, Programmable via Software from
1 to 255 Seconds
SECURITY
TPM
Infineon TPM1.2/2.0 (optional)
Infineon TPM1.2/2.0 (optional)
POWER
Type
CMS171: Single 12V +/-10% DC
CMS173: Wide Range 15~36V
CMS171: Single 12V +/-10% DC
CMS173: Wide Range 15~36V
Connector
DC-in Jack
DC-in Jack
Consumption
TBD
TBD
RTC Battery
CR2032 Coin Cell
CR2032 Coin Cell
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise LTSC 2019 RS5
Windows 10 IoT Enterprise LTSC 2019 RS5
Linux
Ubuntu 20.04
Ubuntu 20.04
ENVIRONMENT
Temperature
Operating: -5 to 65°C
Storage: -40 to 85°C
Operating: -5 to 65°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
TBD
TBD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com