Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS171 Datasheet(PDF) 1 Page - DFI Inc

Part # CMS171
Description  10th Gen Intel® CoreTM Mini-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CMS171 Datasheet(HTML) 1 Page - DFI Inc

  CMS171 Datasheet HTML 1Page - DFI Inc CMS171 Datasheet HTML 2Page - DFI Inc CMS171 Datasheet HTML 3Page - DFI Inc CMS171 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
10th Gen Intel® CoreTM
Mini-ITX
KEY FEATURES
DDR4
4K High
Resolution
Dual Displays
Multiple
Expansion
Rich I/O
2 DDR4 SODIMM up to
64GB
Supports 4K/ 2K reso-
lution
2 DP++
1 PCIe x16 (x8 signal),
1 M.2 E Key, 1 M.2 M
Key, 1 M.2 B Key
2 Intel GbE, 8 USB 3.2
Gen2, 4 USB 3.2,
2 COM, 2 SATA 3.0,
1 SATA Power
CMS171/CMS173-W480E
CMS171/CMS173-Q470E
Top View
Desktop
M.2 E Key
DP++
LAN 1
LAN 2
DC-in
USB 3.2
USB 3.2
Gen2
Front Audio
PCIe x16
M.2 M Key
LGA 1200
Front Panel
M.2 B Key
COM 1
SATA 3.0
SODIMM
DIO Power
8-bit DIO
System Fan
CPU FAN
LPC
SATA Power


Similar Part No. - CMS171

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMS17 TOSHIBA-CMS17 Datasheet
189Kb / 5P
Switching Mode Power Supply Applications
CMS17 TOSHIBA-CMS17_13 Datasheet
178Kb / 5P
TOSHIBA Schottky Barrier Diode
More results

Similar Description - CMS171

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
BM-0942 PROTECHSYSTEMS-BM-0942 Datasheet
664Kb / 2P
Mini ITX MB supports Intel 4th Gen.
logo
GSR Technology Ltd
CR100-CRM GSR-CR100-CRM Datasheet
729Kb / 2P
3rd/2nd Gen Intel짰 CoreTM Mini-ITX
HD100-H81 GSR-HD100-H81 Datasheet
386Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
HM100-HM86 GSR-HM100-HM86 Datasheet
415Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
HR100-CRM GSR-HR100-CRM Datasheet
1Mb / 2P
3rd/2nd Gen Intel짰 CoreTM Mini-ITX
HU101 GSR-HU101 Datasheet
460Kb / 2P
4th Gen Intel짰 CoreTM Mini-ITX
logo
DFI Inc
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
logo
Advantech Co., Ltd.
AIMB-277 ADVANTECH-AIMB-277 Datasheet
5Mb / 6P
Intel® 10th Gen Core™ processor,LGA1200 Mini-ITX motherboard
20-Apr-2022
AIMB-278 ADVANTECH-AIMB-278 Datasheet
481Kb / 2P
Mini-ITX Motherboard 12th Gen Intel® Core™ Processor LGA1700
17-Aug-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com