Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1580 Datasheet(PDF) 7 Page - Clare, Inc.

Part # CPC1580
Description  Optically Isolated Gate Drive Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1580 Datasheet(HTML) 7 Page - Clare, Inc.

Back Button CPC1580 Datasheet HTML 3Page - Clare, Inc. CPC1580 Datasheet HTML 4Page - Clare, Inc. CPC1580 Datasheet HTML 5Page - Clare, Inc. CPC1580 Datasheet HTML 6Page - Clare, Inc. CPC1580 Datasheet HTML 7Page - Clare, Inc. CPC1580 Datasheet HTML 8Page - Clare, Inc. CPC1580 Datasheet HTML 9Page - Clare, Inc. CPC1580 Datasheet HTML 10Page - Clare, Inc. CPC1580 Datasheet HTML 11Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CPC1580
R00G
www.clare.com
7
3.2 Transistor Selection
The CPC1580 charges and discharges an external
MOSFET transistor. The selection of the MOSFET is
determined by the user to meet the specific power
requirements for the load. The CPC1580 output
voltage is listed in the specifications, but as mentioned
earlier, there must be little or no gate leakage.
Another parameter that plays a significant role in the
selection of the transistor is the gate drive voltage
available from the part. The CPC1580 uses
photovoltaic cells to collect the optical energy
generated by the LED; to generate more voltage, the
photovoltaic diodes are stacked. The voltage change
of the photovoltaic stack reduces with increased
temperature. The user must select a transistor that will
maintain the load current at the maximum
temperature, given the VGS in Section 1.6, the
CPC1580 Table of Electrical Specifications.
The example circuits shown in Figure 1 and Figure 2
use “logic level” MOSFETs for each design to maintain
the load described.
3.2.1 Transistor Switching Characteristics
The primary characteristics of the application
switching are tON, tOFF, tRISE, tFALL, and the recovery
time of the storage capacitor, tCHG. These parameters
are dependent on the MOSFET selection and need to
be reviewed in light of the application requirements.
The CPC1580 turns on the MOSFET transistor to the
specified VGS after the tON delay. Similarly the tOFF
delay is the amount of time until the LED is turned off
and the capacitive load discharges to the level in the
CPC1580 specification. For MOSFETs with larger or
smaller required gate charge the tON and tOFF will be
proportionately faster and slower, but it is not a linear
relationship.
To calculate the nominal rise time of the transistor's
drain voltage, VD:
To calculate the nominal fall time of the transistor's
drain voltage, VD:
Where CRSS is the MOSFET gate-drain capacitance
(averaged over the switching voltage range) found in
the MOSFET data sheet, IG_SINK is the gate sinking
current of the CPC1580, and IG_SOURCE is the gate
driving ability. The maximum value of tRISE is limited
by the CPC1580 unloaded discharge characteristic
and should be reviewed in light of the final application
component selections if critical.
The value for the charge time, TCHG, is due to external
component selection. The storage capacitor charge
recovery time (seconds) is computed as:
Which reduces to:
ROVP and COVP are optional over-voltage protection
elements that are present in the application circuit
diagram (see Figure 2).
The term inside the logarithm reflects the discharge
and recharge voltage on CST. For practical circuit
component selection, this can be simplified as
described above.
Use this information to calculate the maximum
switching frequency in Section 6 below.
Note: The CPC1580 is ideal to use where
remote power is otherwise unavailable. If the
LED is also powered remotely, care must be
taken to ensure that parasitic transient signals
are reliably filtered from the input control signal.
Large transient currents will mutually couple
energy between cables and a simple R-C
filtering of the CPC1580 input may be sufficient
to suppress false turn-on.
tRISE,VD ~
~
VLOAD • CRSS
IG_SINK
(SECONDS)
tFALL,VD ~
~
VLOAD • CRSS
IG_SOURCE
(SECONDS)
tCHG ~
~ - (400 + ROVP) • (CST + COVP) • ln
(VLOAD - VFINAL) • CST
QGATE
)
(
tCHG ~
~ - (400 + ROVP) • (CST + COVP) • 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com