Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1580 Datasheet(PDF) 5 Page - Clare, Inc.

Part # CPC1580
Description  Optically Isolated Gate Drive Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1580 Datasheet(HTML) 5 Page - Clare, Inc.

  CPC1580 Datasheet HTML 1Page - Clare, Inc. CPC1580 Datasheet HTML 2Page - Clare, Inc. CPC1580 Datasheet HTML 3Page - Clare, Inc. CPC1580 Datasheet HTML 4Page - Clare, Inc. CPC1580 Datasheet HTML 5Page - Clare, Inc. CPC1580 Datasheet HTML 6Page - Clare, Inc. CPC1580 Datasheet HTML 7Page - Clare, Inc. CPC1580 Datasheet HTML 8Page - Clare, Inc. CPC1580 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CPC1580
R00G
www.clare.com
5
1.7 Performance Data
Temperature (ºC)
-40
-20
0
20
40
60
80
100
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
CPC1580
Gate Source Current vs. Temperature
(I
F=5mA, VCAP=15V)
V
GS=2V
V
GS=4V
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.05
0.10
0.15
0.20
0.25
0.30
CPC1580
Gate Sink Current vs. Temperature
(I
F=0mA, VGS=VCAP)
V
GS=4V
V
GS=2V
Temperature (ºC)
-40
-20
0
20
40
60
80
100
120
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
CPC1580
LED Forward Voltage Drop
vs. Temperature
(I
F=5mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com