Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1973Y Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1973Y
Description  Power SIP Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1973Y Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1973Y Datasheet HTML 1Page - Clare, Inc. CPC1973Y Datasheet HTML 2Page - Clare, Inc. CPC1973Y Datasheet HTML 3Page - Clare, Inc. CPC1973Y Datasheet HTML 4Page - Clare, Inc. CPC1973Y Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.clare.com
DS-CPC1973Y-R03
1
CPC1973Y
Power SIP Relay
Part #
Description
CPC1973Y
Power SIP Package (25 per tube)
CPC1973Y
Units
Blocking Voltage
400
V
P
Load Current
0.35
A
rms
On-Resistance
5
Ω
Applications
Features
Description
Ordering Information
Pin Configuration
•
Industrial Controls
•
Motor Control
•
Robotics
•
Medical Equipment—Patient/Equipment Isolation
•
Instrumentation
•
Multiplexers
•
Data Acquisition
•
Electronic Switching
•
I/O Subsystems
•
Meters (Watt-Hour, Water, Gas)
•
IC Equipment
•
Home Appliances
•
Power SIP Package
•
Handle Load Currents Up to 0.5A
•
High Reliability
•
No Moving Parts
•
Low Drive Power Requirements (TTL/CMOS
Compatible)
•
Arc-Free With No Snubbing Circuits
•
2500V
rms Input/Output Isolation
•
No EMI/RFI Generation
•
Machine Insertable, Wave Solderable
Clare and IXYS have combined to bring OptoMOS®
technology, reliability and compact size to a new
family of high power solid state relays. As part of
that family, the CPC1973Y is a 1-Form-A solid state
relay. The CPC1973Y employs optically coupled
MOSFET technology to provide 2500V
rms of input
to output isolation. The efficient MOSFET switches
and photovoltaic die use Clare’s patented OptoMOS
architecture while the input is controlled by a highly
efficient GaAlAs infrared LED. The combination of
low on resistance and high load current handling
capabilities makes the relay suitable for a variety of
high performance switching applications.
CPC1973Y Pinout
Switching Characteristics of Normally
Open (Form A) Devices
Approvals
•
UL recognized component: File # E69938
•
Certified to: UL 508


Similar Part No. - CPC1973Y

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1973Y IXYS-CPC1973Y Datasheet
107Kb / 6P
Arc-Free With No Snubbing Circuits
logo
Littelfuse
CPC1973Y LITTELFUSE-CPC1973Y Datasheet
178Kb / 6P
Normally Open Power SIP Relay
11/18/2025
More results

Similar Description - CPC1973Y

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1926Y IXYS-CPC1926Y Datasheet
457Kb / 5P
Power SIP Relay
logo
Clare, Inc.
CPC1906Y CLARE-CPC1906Y Datasheet
502Kb / 5P
Power SIP Relay
CPC1916Y CLARE-CPC1916Y Datasheet
467Kb / 5P
Power SIP Relay
CPC1981Y CLARE-CPC1981Y Datasheet
409Kb / 5P
Power SIP Relay
CPC1906 CLARE-CPC1906 Datasheet
102Kb / 5P
Power SIP Relay
CPC1916 CLARE-CPC1916 Datasheet
102Kb / 5P
Power SIP Relay
CPC1926 CLARE-CPC1926 Datasheet
102Kb / 5P
Power SIP Relay
CPC1726 CLARE-CPC1726_10 Datasheet
117Kb / 6P
DC Power SIP Relay
CPC1906 CLARE-CPC1906_10 Datasheet
117Kb / 6P
Power SIP OptoMOS짰 Relay
CPC1983 CLARE-CPC1983 Datasheet
114Kb / 6P
OptoMOS짰 Power SIP Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com