Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1973Y Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1973Y
Description  Power SIP Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1973Y Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1973Y Datasheet HTML 1Page - Clare, Inc. CPC1973Y Datasheet HTML 2Page - Clare, Inc. CPC1973Y Datasheet HTML 3Page - Clare, Inc. CPC1973Y Datasheet HTML 4Page - Clare, Inc. CPC1973Y Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
2
CPC1973Y
R03
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings (@ 25˚ C)
Parameter
Ratings
Units
Blocking Voltage
400
V
P
Reverse Input Voltage
5
V
Input control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation1
150
mW
Isolation voltage Input to Output
2500
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 3.33 mw / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current, Continuous
free air
I
L
-
-
0.35
A
rms
Peak Load Current
T=10ms
I
LPK
-
-
3.5
A
rms
On-Resistance1
I
L=350mA
R
ON
-
3.4
5
Ω
Off-State Leakage Current
V
L=400V
I
LEAK
-
-
1
µA
Switching Speeds
Turn-On
I
F=10mA, VL=10V
T
ON
-
-
5
ms
Turn-Off
I
F=10mA, VL=10V
T
OFF
-
-
3
ms
Input Characteristics @ 25°C
Input Control Current
I
L=350mA
I
F
10
-
-
mA
Input Dropout Current
-
I
F
-
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Input/Output Characteristics @ 25°C
Capacitance Input/Output
f=1MHz
C
I/O
I/O
-
2
-
pF
1 Load current derates linearly from 600mA @ 25oC to 480mA @80oC.
2 Measurement taken within 1 second of on time.
3 For applications requiring high temperature operation (greater than 60oC) an LED drive current of 3mA is recommended.
Electrical Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Thermal Resistance (junction to case)
-
R
θJC
-
1.5
-
°C/W
Thermal Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com