Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC5403 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPIC5403
Description  4-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC5403 Datasheet(HTML) 5 Page - Texas Instruments

  TPIC5403 Datasheet HTML 1Page - Texas Instruments TPIC5403 Datasheet HTML 2Page - Texas Instruments TPIC5403 Datasheet HTML 3Page - Texas Instruments TPIC5403 Datasheet HTML 4Page - Texas Instruments TPIC5403 Datasheet HTML 5Page - Texas Instruments TPIC5403 Datasheet HTML 6Page - Texas Instruments TPIC5403 Datasheet HTML 7Page - Texas Instruments TPIC5403 Datasheet HTML 8Page - Texas Instruments TPIC5403 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TPIC5403
4-CHANNEL INDEPENDENT GATE-PROTECTED
POWER DMOS ARRAY
SLIS038A – SEPTEMBER 1994 – REVISED SEPTEMBER 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
IRM†
Reverse di/dt = 100 A/
µs
trr(SD)
† IRM = maximum recovery current
25% of IRM†
VDS = 48 V
VGS = 0
TJ = 25°C
Z1 – Z4‡
Time – ns
0
50
100
150
200
250
300
0
– 0.75
– 1.5
– 2.25
– 3
– 3.75
– 4.25
1.5
0.75
350
400
450
500
Shaded Area = QRR
‡ The above waveform is representative of D1, D2, D3, and D4 in shape only.
Figure 1. Reverse-Recovery-Current Waveform of Source-to-Drain Diode
Pulse Generator
50
Rgen
50
VGS
VDD = 25 V
DUT
VDS
TEST CIRCUIT
VDD
VDS(on)
tf2
td(on)
tr2
td(off)
VOLTAGE WAVEFORMS
VGS
VDS
RL
CL 30 pF
(see Note A)
tf1
tr1
10 V
0 V
NOTE A: CL includes probe and jig capacitance.
Figure 2. Resistive-Switching Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com