Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC5403 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPIC5403
Description  4-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC5403 Datasheet(HTML) 1 Page - Texas Instruments

  TPIC5403 Datasheet HTML 1Page - Texas Instruments TPIC5403 Datasheet HTML 2Page - Texas Instruments TPIC5403 Datasheet HTML 3Page - Texas Instruments TPIC5403 Datasheet HTML 4Page - Texas Instruments TPIC5403 Datasheet HTML 5Page - Texas Instruments TPIC5403 Datasheet HTML 6Page - Texas Instruments TPIC5403 Datasheet HTML 7Page - Texas Instruments TPIC5403 Datasheet HTML 8Page - Texas Instruments TPIC5403 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TPIC5403
4-CHANNEL INDEPENDENT GATE-PROTECTED
POWER DMOS ARRAY
SLIS038A – SEPTEMBER 1994 – REVISED SEPTEMBER 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Low r
DS(on) . . . 0.23 Ω Typ
High Voltage Output...60 V
Extended ESD Capability... 4000 V
Pulsed Current...11.25 A Per Channel
Fast Commutation Speed
description
The TPIC5403 is a monolithic gate-protected
power
DMOS
array
that
consists
of
four
independent
electrically
isolated
N-channel
enhancement-mode DMOS transistors. Each
transistor features integrated high-current zener
diodes (ZCXa and ZCXb) to prevent gate damage
in the event that an overstress condition occurs.
These zener diodes also provide up to 4000 V of
ESD
protection
when
tested
using
the
human-body model of a 100-pF capacitor in series
with a 1.5-k
Ω resistor.
The TPIC5403 is offered in a 24-pin wide-body surface-mount (DW) package and is characterized for operation
over the case temperature range of – 40
°C to 125°C.
schematic
D1
DRAIN3
D3
Z1
Z3
Z2
Z4
GND
GATE3
DRAIN4
GATE4
SOURCE3
DRAIN1
GATE1
SOURCE1
DRAIN2
GATE2
Q1
Q2
Q4
Q3
D2
D4
1, 2
3
5, 6
11, 12
10
7, 8
23, 24
22
19, 20
13, 14
15
17, 18
SOURCE2
SOURCE4
4, 9, 16, 21
ZC2b
ZC2a
ZC1b
ZC1a
ZC3b
ZC3a
ZC4b
ZC4a
NOTE A: For correct operation, no terminal may be taken below GND.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
DRAIN1
DRAIN1
GATE1
GND
SOURCE1
SOURCE1
SOURCE2
SOURCE2
GND
GATE2
DRAIN2
DRAIN2
DRAIN3
DRAIN3
GATE3
GND
SOURCE3
SOURCE3
SOURCE4
SOURCE4
GND
GATE4
DRAIN4
DRAIN4
DW PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TPIC5403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC5401 TI-TPIC5401 Datasheet
212Kb / 12P
H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401 TI1-TPIC5401 Datasheet
566Kb / 17P
H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401DW TI1-TPIC5401DW Datasheet
566Kb / 17P
H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401NE TI1-TPIC5401NE Datasheet
566Kb / 17P
H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401 TI1-TPIC5401_16 Datasheet
566Kb / 17P
H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
More results

Similar Description - TPIC5403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC5302 TI-TPIC5302 Datasheet
171Kb / 11P
3-CHANNEL INDEPENDENT POWER DMOS ARRAY
TPIC5401 TI-TPIC5401 Datasheet
212Kb / 12P
H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5423L TI-TPIC5423L Datasheet
199Kb / 11P
4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5223L TI-TPIC5223L Datasheet
285Kb / 13P
2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5203 TI1-TPIC5203 Datasheet
261Kb / 13P
2-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5303 TI1-TPIC5303 Datasheet
264Kb / 14P
3-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5323L TI1-TPIC5323L Datasheet
251Kb / 13P
3-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5302D TI1-TPIC5302D Datasheet
211Kb / 12P
3-CHANNEL INDEPENDENT POWER DMOS ARRAY
TPIC5223L TI1-TPIC5223L_11 Datasheet
268Kb / 13P
2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5401 TI1-TPIC5401_16 Datasheet
566Kb / 17P
H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com