Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3330AIDCKT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # REF3330AIDCKT
Description  3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3330AIDCKT Datasheet(HTML) 4 Page - Texas Instruments

  REF3330AIDCKT Datasheet HTML 1Page - Texas Instruments REF3330AIDCKT Datasheet HTML 2Page - Texas Instruments REF3330AIDCKT Datasheet HTML 3Page - Texas Instruments REF3330AIDCKT Datasheet HTML 4Page - Texas Instruments REF3330AIDCKT Datasheet HTML 5Page - Texas Instruments REF3330AIDCKT Datasheet HTML 6Page - Texas Instruments REF3330AIDCKT Datasheet HTML 7Page - Texas Instruments REF3330AIDCKT Datasheet HTML 8Page - Texas Instruments REF3330AIDCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
REF3312,, REF3318
REF3320, REF3325
REF3330, REF3333
SBOS392A – AUGUST 2007 – REVISED SEPTEMBER 2007
ELECTRICAL CHARACTERISTICS: VIN = +5V (continued)
Boldface limits apply over the specified temperature range, –40
°C to +125°C.
At TA = +25°C and ILOAD = 0mA, unless otherwise noted.
REF33xx
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
REF33xx (REF3312, REF3318, REF3320, REF3325, REF3330, REF3333)
OUTPUT VOLTAGE TEMPERATURE DRIFT
dVOUT/dT
–40
°C to +85°C
9
30
ppm/
°C
–40
°C to +125°C
8
30
ppm/
°C
LINE REGULATION
VIN = VOUT + 200mV to 5.5V
(1)
–50
6
+50
ppm/V
dVOUT/dVIN
0
°C to +70°C
6
ppm/V
Over Temperature
–40
°C to +85°C
8
ppm/V
–40
°C to +125°C
30
ppm/V
LOAD REGULATION
VIN = VOUT + 200mV
(1)
–50
6
+50
ppm/mA
dVOUT/dILOAD
ILOAD = ±5mA, 0°C to +70°C
10
ppm/mA
Over Temperature
–40
°C to +85°C
20
ppm/mA
–40
°C to +125°C
20
ppm/mA
THERMAL HYSTERESIS
dT(2)
90
ppm
MINIMUM DROPOUT VOLTAGE
VIN – VOUT
(1)
ILOAD = ±5mA
110
160
mV
Over Temperature
0
°C to +70°C
120
mV
–40
°C to +85°C
135
mV
–40
°C to +125°C
180
mV
ILOAD = ±2mA, –40°C to +85°C
70
mV
SHORT-CIRCUIT CURRENT
Sourcing/Sinking
ISC
35
mA
CAPACITIVE LOAD
0.1
10
μF
TURN-ON SETTLING TIME
To 0.1% with CL = 1μF
2
ms
POWER SUPPLY
Specified Voltage Range
VS
VOUT + 0.2
(1)
5.5
V
Operating Voltage Range
ILOAD = 0mA
VOUT + 0.005
5.5
V
Current
IQ
VIN = 5V
3.9
5
μA
Over Temperature
–40
°C to +85°C
4.4
6.5
μA
–40
°C to +125°C
4.8
8.5
μA
TEMPERATURE RANGE
Specified Range
TA
–40
+125
°C
Operating Range
TA
–50
+150
°C
Thermal Resistance
θJA
SC70-3
300
°C/W
SOT23-3
300
°C/W
(1)
The minimum supply voltage for the REF3312 is 1.8V.
(2)
The thermal hysteresis procedure is explained in more detail in the Applications Information section.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): REF3312 REF3318 REF3320 REF3325 REF3330 REF3333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com