Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3330AIDCKT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # REF3330AIDCKT
Description  3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3330AIDCKT Datasheet(HTML) 16 Page - Texas Instruments

Back Button REF3330AIDCKT Datasheet HTML 10Page - Texas Instruments REF3330AIDCKT Datasheet HTML 11Page - Texas Instruments REF3330AIDCKT Datasheet HTML 12Page - Texas Instruments REF3330AIDCKT Datasheet HTML 13Page - Texas Instruments REF3330AIDCKT Datasheet HTML 14Page - Texas Instruments REF3330AIDCKT Datasheet HTML 15Page - Texas Instruments REF3330AIDCKT Datasheet HTML 16Page - Texas Instruments REF3330AIDCKT Datasheet HTML 17Page - Texas Instruments REF3330AIDCKT Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Device
Package
Pins
Site
Length (mm)
Width (mm)
Height (mm)
REF3325AIDBZR
DBZ
3
SITE 48
195.0
200.0
45.0
REF3325AIDBZT
DBZ
3
SITE 48
195.0
200.0
45.0
REF3325AIDCKR
DCK
3
SITE 48
195.0
200.0
45.0
REF3325AIDCKT
DCK
3
SITE 48
195.0
200.0
45.0
REF3330AIDBZR
DBZ
3
SITE 48
195.0
200.0
45.0
REF3330AIDBZT
DBZ
3
SITE 48
195.0
200.0
45.0
REF3330AIDCKR
DCK
3
SITE 48
195.0
200.0
45.0
REF3330AIDCKT
DCK
3
SITE 48
195.0
200.0
45.0
REF3333AIDBZR
DBZ
3
SITE 48
195.0
200.0
45.0
REF3333AIDBZT
DBZ
3
SITE 48
195.0
200.0
45.0
REF3333AIDCKR
DCK
3
SITE 48
195.0
200.0
45.0
REF3333AIDCKT
DCK
3
SITE 48
195.0
200.0
45.0
PACKAGE MATERIALS INFORMATION
www.ti.com
6-Oct-2007
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com