Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3426 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3426
Description  1.2MHz Step-Up DC/DC Converter in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3426 Datasheet(HTML) 2 Page - Linear Technology

  LTC3426 Datasheet HTML 1Page - Linear Technology LTC3426 Datasheet HTML 2Page - Linear Technology LTC3426 Datasheet HTML 3Page - Linear Technology LTC3426 Datasheet HTML 4Page - Linear Technology LTC3426 Datasheet HTML 5Page - Linear Technology LTC3426 Datasheet HTML 6Page - Linear Technology LTC3426 Datasheet HTML 7Page - Linear Technology LTC3426 Datasheet HTML 8Page - Linear Technology LTC3426 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC3426
3426fa
A
G
A
U
A
R
BSOLUTEXI
TI
S
VIN Voltage ................................................. –0.3V to 6V
SW Voltage .................................................. –0.3V to 6V
SHDN, FB Voltage ....................................... –0.3V to 6V
VOUT ........................................................... –0.3V to 6V
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec)................ 300
°C
(Note 1)
PACKAGE/ORDER I FOR ATIO
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
SHDN = VIN
1.6
V
Output Voltage Adjust Range
2.25
5
V
Feedback Voltage
●
1.173
1.22
1.247
V
Feedback Input Current
VFB = 1.23V
0.1
µA
Quiescent Current (Shutdown)
VSHDN = 0V, Not Including Switch Leakage
1
µA
Quiescent Current
SHDN = VIN, Not Switching
600
1000
µA
Switch Leakage
VSW = 5V
0.2
10
µA
Switch On Resistance
VOUT = 3.3V
0.11
Ω
VOUT = 5V
0.10
Ω
Current Limit
●
2
2.3
A
Maximum Duty Cycle
VFB = 1.15V
80
85
%
Switching Frequency
●
0.85
1.2
1.5
MHz
SHDN Input High
1V
SHDN Input Low
0.4
V
SHDN Input Current
SHDN = 5.5V
1
µA
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 1.8V, VOUT = 3.3V, unless otherwise specified.
CO VERTER CHARACTERISTICS
SW 1
GND 2
FB 3
6 VIN
5 VOUT
4 SHDN
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3426 is guaranteed to meet performance specifications
from 0
°C to 85°C. Specifications over the –40°C to 85°C operating
temperature are assured by design, characterization and correlation with
statistical process controls.
Note 3: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
TJMAX = 125°C, θJA = 165°C/W, θJC = 102°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
ORDER PART NUMBER
LTC3426ES6
LTAJT
S6 PART NUMBER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com