Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3426 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3426
Description  1.2MHz Step-Up DC/DC Converter in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3426 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3426 Datasheet HTML 2Page - Linear Technology LTC3426 Datasheet HTML 3Page - Linear Technology LTC3426 Datasheet HTML 4Page - Linear Technology LTC3426 Datasheet HTML 5Page - Linear Technology LTC3426 Datasheet HTML 6Page - Linear Technology LTC3426 Datasheet HTML 7Page - Linear Technology LTC3426 Datasheet HTML 8Page - Linear Technology LTC3426 Datasheet HTML 9Page - Linear Technology LTC3426 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC3426
3426fa
possible to the device. A 10
µF input capacitor is sufficient
for most applications. Table 2 shows a list of several
ceramic capacitor manufacturers. Consult the manufac-
turers for detailed information in their entire selection of
ceramic parts.
Table 2. Ceramic Capacitor Manufacturers
Taiyo Yuden
www.t-yuden.com
Murata
www.murata.com
TDK
www.component.tdk.com
Diode Selection
A Schottky diode is recommended for use with the LTC3426.
Use of a low forward voltage diode such as the ON
Semiconductor MBRA210LT3 is recommended. A Schot-
tky diode rated at 2A is recommended for use with the
LTC3426.
APPLICATIO S I FOR ATIO
PCB Layout Guidelines
The high speed operation of the LTC3426 demands careful
attention to board layout. You will not get advertised
performance with careless layout. Figure 2 shows the
recommended component placement. A large ground pin
copper area will help to lower the chip temperature.
Figure 2. Recommended Component Placement
for Single Layer Board
SW
VIN
VOUT
3426 F02
GND
FB
VIN
VOUT
SHDN
1
2
3
6
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com