Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H300 Datasheet(PDF) 2 Page - DFI Inc

Part # H300
Description  Riser Cards
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

H300 Datasheet(HTML) 2 Page - DFI Inc

  H300 Datasheet HTML 1Page - DFI Inc H300 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riser Cards
H300-2E
Mechanical Drawing
Features
Specifications
EXPANSION SLOTS
• Two PCIe x8 slots (x1 signal)
INTERFACE
• 2 DFI Proprietary Extension Bus
- Connects to the 2 DFI Proprietary Extension Bus of the
Motherboard
DIMENSIONS
• 170mm x 37mm (6.7" x 1.46")
APPLICABLE MOTHERBOARDS
• HR100-CRM, CR100-CRM, CM100-C
DFI's
Proprietary
Technology
EXPANSION SLOTS 2 PCIe x8
INTERFACE
2 DFI Proprietary Extension Bus
DIMENSIONS
170mm x 37mm (6.7" x 1.46")
0
10.68
20.32
26.32
8.17
0.52
19.8
0
20.32
8.17
DFI Proprietary Extension Bus
Motherboard
HR100-CRM
Riser Card
H300-3P1M
PCIe x8
PCIe x8
DFI Proprietary Extension Bus
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © March 12, 2014 DFI Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com