Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H300 Datasheet(PDF) 1 Page - DFI Inc

Part # H300
Description  Riser Cards
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

H300 Datasheet(HTML) 1 Page - DFI Inc

  H300 Datasheet HTML 1Page - DFI Inc H300 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riser Cards
H300-3P1M
Mechanical Drawing
Features
Specifications
EXPANSION SLOTS
• One Mini PCIe slot
• Three PCI slots
- PCI 2.3, 32-bit, 33MHz
INTERFACE
• 2 DFI Proprietary Extension Bus
- Connects to the 2 DFI Proprietary Extension Bus of the
Motherboard
DIMENSIONS
• 170mm x 64mm (6.7" x 2.52")
APPLICABLE MOTHERBOARDS
• HR100-CRM, CR100-CRM, CM100-C
PCI
PCI
PCI
Mini PCIe
DFI Proprietary Extension Bus
0
0
5.26
40.64
16.74
47.26
14.23
20.32
6.78
13.54
33.86
14.23
DFI's
Proprietary
Technology
EXPANSION SLOTS 1 Mini PCIe, 3 PCI
INTERFACE
2 DFI Proprietary Extension Bus
DIMENSIONS
170mm x 64mm (6.7" x 2.52")
H300-2P1E
Mechanical Drawing
Features
Specifications
EXPANSION SLOTS
• One PCIe x16 slot (x1 signal)
• Two PCI slots
- PCI 2.3, 32-bit, 33MHz
INTERFACE
• 2 DFI Proprietary Extension Bus
- Connects to the 2 DFI Proprietary Extension Bus of the
Motherboard
DIMENSIONS
• 170mm x 64mm (6.7" x 2.52")
APPLICABLE MOTHERBOARDS
• HR100-CRM, CR100-CRM, CM100-C
DFI's
Proprietary
Technology
EXPANSION SLOTS 1 PCIe x16, 2 PCI
INTERFACE
2 DFI Proprietary Extension Bus
DIMENSIONS
170mm x 64mm (6.7" x 2.52")
0
20.32
14.23
6.78
13.54
14.23
0
40.64
33.85
16.74
47.26
PCI
PCI
PCIe x16
DFI Proprietary Extension Bus


Similar Part No. - H300

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
H300 IVO-H300 Datasheet
451Kb / 4P
Totalizers mechanic
logo
Veris. All Rights Reser...
H300 VERIS-H300 Datasheet
721Kb / 2P
Current Monitoring
logo
Baumer IVO GmbH & Co. K...
H300.010A01A IVO-H300.010A01A Datasheet
451Kb / 4P
Totalizers mechanic
H300.010A01B IVO-H300.010A01B Datasheet
451Kb / 4P
Totalizers mechanic
H300.010A06C IVO-H300.010A06C Datasheet
451Kb / 4P
Totalizers mechanic
More results

Similar Description - H300

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-110 ADVANTECH-PCM-110 Datasheet
286Kb / 1P
Riser Cards & I/O Modules
PCM-233A ADVANTECH-PCM-233A Datasheet
268Kb / 1P
Riser Cards
logo
HuaXinAn Electronics CO...
HA2R75E HUAXINAN-HA2R75E Datasheet
194Kb / 2P
PCI Cards protection
HA3R75A HUAXINAN-HA3R75A Datasheet
206Kb / 2P
PCI Cards protection
logo
Advantech Co., Ltd.
AIMB-R4104 ADVANTECH-AIMB-R4104 Datasheet
295Kb / 1P
Riser Cards
AIMB-RF10F-01A1E ADVANTECH-AIMB-RF10F-01A1E Datasheet
295Kb / 1P
Riser Cards
PCM-10586-9562E ADVANTECH-PCM-10586-9562E_14 Datasheet
183Kb / 1P
Cable kit , Riser Cards & I/O modules
AIMB-RP10P-01A1E ADVANTECH-AIMB-RP10P-01A1E_14 Datasheet
308Kb / 1P
Riser Cards
logo
List of Unclassifed Man...
RSC-R2UT-2E8R ETC1-RSC-R2UT-2E8R Datasheet
3Mb / 1P
Riser Cards (X9)
logo
Advantech Co., Ltd.
AIMB-RP10P-01A1E ADVANTECH-AIMB-RP10P-01A1E_V01 Datasheet
892Kb / 2P
Riser Cards & Add on Cards
30-Aug-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com