Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDAP1321 Datasheet(PDF) 1 Page - Belden Inc.

Part # EDAP1321
Description  EDAP13xx - Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

EDAP1321 Datasheet(HTML) 1 Page - Belden Inc.

  EDAP1321 Datasheet HTML 1Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product: FILLER PANEL SOLID PIN E-SERIE
EDAP13xx - Series
Product Description
Metal Solid Filler panel with plastic pins for E-Series.
Technical Specifications
Application
Suitable Applications:
Easy installable filler panel for 19” mounting using plastic pins. Installing the filler panel in the rack makes the installation look neat and tidy. Also, the filler panel prevents airflow
escaping to the back without passing through the active equipment.
Environmental Space:
Indoor
Environmental and Overall Characteristics
Finish:
Powder Coated
Material:
1.0 mm steel
Standards
EU Directive 2011/65/EU
(RoHS 2):
Yes
MII Order #39 (China RoHS): EUP 50
Related Part Numbers
Included Parts:
The package comes with set of 2 plastic pns for height 1U and 4 plastic pins
Packaging:
Individually packed.
Variants
Item #
Height Color
Application
EDAP1312 1U
Black
E-Series Cabinets
EDAP1322 2U
Black
E-Series Cabinets
EDAP1332 3U
Black
E-Series Cabinets
EDAP1311 1U
Gray
E-Series Cabinets
EDAP1321 2U
Gray
E-Series Cabinets
EDAP1331 3U
Gray
E-Series Cabinets
Update and Revision:
Revision Number: 0.111 Revision Date: 10-02-2024
© 2025 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


Similar Part No. - EDAP1321

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
EDAP1011 BELDEN-EDAP1011 Datasheet
155Kb / 1P
EDAP10xx - Series
10-02-2024
EDAP1012 BELDEN-EDAP1012 Datasheet
155Kb / 1P
EDAP10xx - Series
10-02-2024
EDAP1021 BELDEN-EDAP1021 Datasheet
155Kb / 1P
EDAP10xx - Series
10-02-2024
EDAP1022 BELDEN-EDAP1022 Datasheet
155Kb / 1P
EDAP10xx - Series
10-02-2024
EDAP1031 BELDEN-EDAP1031 Datasheet
155Kb / 1P
EDAP10xx - Series
10-02-2024
More results

Similar Description - EDAP1321

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com