Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFU Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 48Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 49Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 50Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 51Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 52Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 53Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 54Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 55Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
52
Freescale Semiconductor
1.2.2
Signal Properties Summary
Table 1-7 summarizes the pin functionality of the MC9S12XDP512. For available modules on other parts
of the S12XD, S12XB and S12XA family please refer to Appendix E Derivative Differences.
Table 1-7. Signal Properties Summary (Sheet 1 of 4)
Pin
Name
Function 1
Pin
Name
Function 2
Pin
Name
Function 3
Pin
Name
Function 4
Pin
Name
Function 5
Power
Supply
Internal Pull
Resistor
Description
CTRL
Reset
State
EXTAL
—
—
—
—
VDDPLL
NA
NA
Oscillator pins
XTAL
—
—
—
—
VDDPLL
NA
NA
RESET
—
—
—
—
VDDR
PULLUP
External reset
TEST
—
—
—
—
N.A.
RESET pin
DOWN Test input
VREGEN
—
—
—
—
VDDX
PUCR
Up
Voltage regulator enable
Input
XFC
—
—
—
—
VDDPLL
NA
NA
PLL loop filter
BKGD
MODC
—
—
—
VDDX
Always on
Up
Background debug
PAD[23:08]
AN[23:8]
—
—
—
VDDA
PER0/
PER1
Disabled Port AD I/O, Port AD inputs
of ATD1 and
analog inputs of ATD1
PAD[07:00]
AN[7:0]
—
—
—
VDDA
PER1
Disabled Port AD I/O, Port AD inputs
of ATD0 and
analog inputs of ATD0
PA[7:0]
—
—
—
—
VDDR
PUCR
Disabled Port A I/O
PB[7:0]
—
—
—
—
VDDR
PUCR
Disabled Port BI/O
PA[7:0]
ADDR[15:8]
IVD[15:8]
—
—
VDDR
PUCR
Disabled Port A I/O, address bus,
internal visibility data
PB[7:1]
ADDR[7:1]
IVD[7:0]
—
—
VDDR
PUCR
Disabled Port B I/O, address bus,
internal visibility data
PB0
ADDR0
UDS
VDDR
PUCR
Disabled Port B I/O, address bus,
upper data strobe
PC[7:0]
DATA[15:8]
—
—
—
VDDR
PUCR
Disabled Port C I/O, data bus
PD[7:0]
DATA[7:0]
—
—
—
VDDR
PUCR
Disabled Port D I/O, data bus
PE7
ECLKX2
XCLKS
—
—
VDDR
PUCR
Up
Port E I/O, system clock
output, clock select
PE6
TAGHI
MODB
—
—
VDDR
While RESET
pin is low: down
Port E I/O, tag high, mode
input
PE5
RE
MODA
TAGLO
—
VDDR
While RESET
pin is low: down
Port E I/O, read enable,
mode input, tag low input
PE4
ECLK
—
—
—
VDDR
PUCR
Up
Port E I/O, bus clock output
PE3
LSTRB
LDS
EROMCTL
—
VDDR
PUCR
Up
Port E I/O, low byte data
strobe, EROMON control
PE2
R/W
WE
—
—
VDDR
PUCR
Up
Port E I/O, read/write
PE1
IRQ
—
—
—
VDDR
PUCR
Up
Port E Input, maskable
interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com