Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFU Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFU
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFU Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFU Datasheet HTML 90Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 91Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 92Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 93Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 94Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 95Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 96Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 97Page - Freescale Semiconductor, Inc SC312XDP512F0CFU Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 1350 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.17
94
Freescale Semiconductor
2.3.2.9
CRG COP Control Register (COPCTL)
This register controls the COP (computer operating properly) watchdog.
Read: Anytime
Write:
1. RSBCK: Anytime in special modes; write to “1” but not to “0” in all other modes
2. WCOP, CR2, CR1, CR0:
— Anytime in special modes
— Write once in all other modes
Writing CR[2:0] to “000” has no effect, but counts for the “write once” condition.
Writing WCOP to “0” has no effect, but counts for the “write once” condition.
The COP time-out period is restarted if one these two conditions is true:
1. Writing a nonzero value to CR[2:0] (anytime in special modes, once in all other modes) with
WRTMASK = 0.
or
2. Changing RSBCK bit from “0” to “1”.
76543210
R
WCOP
RSBCK
000
CR2
CR1
CR0
W
WRTMASK
Reset1
0000
1. Refer to Device User Guide (Section: CRG) for reset values of WCOP, CR2, CR1, and CR0.
= Unimplemented or Reserved
Figure 2-12. CRG COP Control Register (COPCTL)
Table 2-9. COPCTL Field Descriptions
Field
Description
7
WCOP
Window COP Mode Bit — When set, a write to the ARMCOP register must occur in the last 25% of the selected
period. A write during the first 75% of the selected period will reset the part. As long as all writes occur during
this window, 0x_55 can be written as often as desired. Once 0x_AA is written after the 0x_55, the time-out logic
restarts and the user must wait until the next window before writing to ARMCOP. Table 2-10 shows the duration
of this window for the seven available COP rates.
0 Normal COP operation
1 Window COP operation
6
RSBCK
COP and RTI Stop in Active BDM Mode Bit
0 Allows the COP and RTI to keep running in active BDM mode.
1 Stops the COP and RTI counters whenever the part is in active BDM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com