Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC500-CMS-Q Datasheet(PDF) 4 Page - DFI Inc

Part # VC500-CMS-Q
Description  10th Gen Intel® Processors In-vehicle System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

VC500-CMS-Q Datasheet(HTML) 4 Page - DFI Inc

  VC500-CMS-Q Datasheet HTML 1Page - DFI Inc VC500-CMS-Q Datasheet HTML 2Page - DFI Inc VC500-CMS-Q Datasheet HTML 3Page - DFI Inc VC500-CMS-Q Datasheet HTML 4Page - DFI Inc VC500-CMS-Q Datasheet HTML 5Page - DFI Inc VC500-CMS-Q Datasheet HTML 6Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.dfi.com
SPECIFICATION
Model Name
VC500-CMS-Q470E / VC500-CMS-W480E
VC500-CMS-H420E
SYSTEM
Processor
10th Gen Intel® Xeon/Core™/Pentium/Celeron Processors, LGA 1200 Socket
Q470E/ W480E:
- Intel® Xeon-1270TE (8 Cores, 16M Cache, up to 2.0/4.4 GHz); 35W
- Intel® Core™ i9-10900TE (10 Cores, 20M Cache, up to 1.8/4.5 GHz); 35W
- Intel® Core™ i7-10700TE (8 Cores, 16M Cache, up to 2.0/4.4 GHz); 35W
- Intel® Core™ i5-10500TE (6 Cores, 12M Cache, up to 2.3/3.7 GHz); 35W
- Intel® Core™ i3-10100TE (4 Cores, 6M Cache, to 2.3/3.6 GHz); 35W
H420E:
- Intel® Core™ i3-10100TE (4 Cores, 6M Cache, to 2.3/3.6 GHz); 35W
- Intel® Pentium® G6400TE (2 Cores, 4M Cache, 3.2 GHz); 35W
- Intel® Celeron® G5900TE (2 Cores, 2M Cache, 3.0 GHz)
Chipset
Intel® Q470E/W480E Chipset
Intel®H420E Chipset
Memory
Dual SO-DIMM slots (horizontal type)
Dual Channel DDR4 2933/2666/2400/2133 SDRAM,
up to 64GB
ECC support for Xeon-1270TE processor only
Dual SO-DIMM slots (horizontal type)
Dual Channel DDR4 2933/2666/2400/2133 SDRAM,
up to 64GB
ECC support for Xeon-1270TE processor only
BIOS
AMI SPI 256Mbit
AMI SPI 256Mbit
GRAPHICS
Controller
Intel® UHD Graphics 630 (processor integrated)
Intel® UHD Graphics 630 (processor integrated)
Feature
OpenGL 4.5, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9,
JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: AVC/H.264, MPEG2, JPEG,
HEVC/H265, VP8, VP9
OpenGL 4.5, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9,
JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: AVC/H.264, MPEG2, JPEG,
HEVC/H265, VP8, VP9
Display
Support DP++/DP 1.4
Resolution up to 4096x2304 @60Hz for DP
1 x HDMI with lock hole
2 x DP ports with lock hole
Support DP++/DP 1.4
Resolution up to 4096x2304 @60Hz for DP
1 x HDMI with lock hole
2 x DP ports with lock hole
Triple Displays
1 HDMI + 2 DP++
1 HDMI + 2 DP++
STORAGE
External
2 x swappable 2.5" SATA drive bays with lock
on rear panel
Supports RAID 0/1
2 x swappable 2.5" SATA drive bays with lock
on rear panel
Supports RAID 0/1
Internal
1 x M.2 2280 M Key slot, supports 2242,
2260 & 2280 devices and NVME SSD
PCIe x4 & SATA signal, support boot up function
1 x M.2 2280 M Key slot, supports 2242,
2260 & 2280 devices and NVME SSD
PCIe x4 & SATA signal, support boot up function
AUDIO
Audio Codec
Realtek ALC888
Realtek ALC888
Interface
1 x Mic-in and 1 x Line-in
1 x Mic-in and 1 x Line-in
ETHERNET
Controller
1 x Intel® i219LM with iAMT11.0 support
(Core i7/i5 only)
1 x Intel® i210IT
1 x Intel® i219LM with iAMT11.0 support
(Core i7/i5 only)
1 x Intel® i210IT
LED
Indicators
1 x Storage Activity (Red)
1 x Power Status (Yellow)
2 x Programmable general purpose (Green, Blue)
1 x Storage Activity (Red)
1 x Power Status (Yellow)
2 x Programmable general purpose (Green, Blue)
FRONT I/O
Ethernet
2 x RJ45 GbE ports
2 x RJ45 GbE ports
PoE / 10G
4 x 802.11af PoE ports at RJ45 or M12 X-coded
connectors, max 15.4W (PSE side) or
2 x 10G fiber ports at SFP+ cage based on Intel
X710-BM2 Ethernet controller
N/A
Serial
1 x DB-9 RS232 ports (COM 5)
1 x DB-9 RS232 ports (COM 5)
USB
4 x USB 3.1 Gen2
2 x USB 3.1 Gen2
DIO
2 x Isolated DIO port by 2 x DB-15 female
connectors
Supports 8bit DI & 8 bit DO with 2KV isolation
N/A
Audio
1 x Line-out, 1 x Mic-in and 1 x Line-in with 3.5mm
audio jacks
1 x Line-out, 1 x Mic-in and 1 x Line-in with 3.5mm
audio jacks
Antenna
2 x antenna holes
2 x antenna holes
DC in
3 pin terminal block connector
3 pin terminal block connector
OOB
Optional RJ45 port for OOB management
Optional RJ45 port for OOB management
REAR I/O
Serial
4 x DB-9 RS232/422/485 ports by BIOS selection
(COM 1/2/3/4)
4 x DB-9 RS232/422/485 ports by BIOS selection
(COM 1/2/3/4)
USB
4 x USB 3.1 Gen2
4 x USB 3.1 Gen2
Display
2 x DP++ ports
1 x HDMI port
2 x DP++ ports
1 x HDMI port
Antenna
2 x antenna holes
2 x antenna holes
SIM slot
3 x accessible SIM slots with cover bracket
3 x accessible SIM slots with cover bracket
CAN bus
2 x DB-9 ports for CAN bus (optional)
2 x DB-9 ports for CAN bus (optional)
Remote Switch
2-pin remote switch
2-pin remote switch
Power Button
1 x Power button
1 x Power button
Reset Button
1 x Reset button
1 x Reset button
SIDE I/O
Antenna
2 x antenna holes on right side
2 x antenna holes on left side
2 x antenna holes on right side
2 x antenna holes on left side



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com