Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC500-CMS-Q Datasheet(PDF) 5 Page - DFI Inc

Part # VC500-CMS-Q
Description  10th Gen Intel® Processors In-vehicle System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

VC500-CMS-Q Datasheet(HTML) 5 Page - DFI Inc

  VC500-CMS-Q Datasheet HTML 1Page - DFI Inc VC500-CMS-Q Datasheet HTML 2Page - DFI Inc VC500-CMS-Q Datasheet HTML 3Page - DFI Inc VC500-CMS-Q Datasheet HTML 4Page - DFI Inc VC500-CMS-Q Datasheet HTML 5Page - DFI Inc VC500-CMS-Q Datasheet HTML 6Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.dfi.com
SPECIFICATION
Model Name
VC500-CMS-Q470E / VC500-CMS-W480E
VC500-CMS-H420E
INTERNAL I/O
Serial
1 x 2x5 pin block header for RS232
1 x 2x5 pin block header for RS232
Mini PCIe slot
1 x mini PCIe slot with SIM holer on faceplate
Supports WiFi/BT/LTE or CAN bus module
1 x mini PCIe slot with SIM holer on faceplate
Supports WiFi/BT/LTE or CAN bus module
M.2 Slot
Total 3 x M.2 slots
1 x 2230 E-key slot (PCIe x1 & USB2.0)
1 x 3042/3052 B-key (USB3.0 & PCIex1) with dual
SIM slots on faceplate
1 x 2242/2280 M-Key-slot (PCIe gen3 x4 & SATA)
supporting Intel® Optane memory
(Both of the M10 and H10) and NVMe
Total 3 x M.2 slots
1 x 2230 E-key slot (PCIe x1 & USB2.0)
1 x 3042/3052 B-key (USB3.0 only) with dual SIM
slots on faceplate
1 x 2242/2280 M-Key-slot (SATA only)
COOLING
FAN
Passive cooling
Passive cooling
HARDWARE
MONITOR
Gravity Sensor
Support 3-axis femto accelerometer
User-selectable ±2g/±4g/±8g/±16g scale
Supports 6D/4D orientation detection, Free-fall
detection, Motion detection and leep-to-wake and
return-to-sleep
Support 3-axis femto accelerometer
User-selectable ±2g/±4g/±8g/±16g scale
Supports 6D/4D orientation detection, Free-fall
detection, Motion detection and leep-to-wake and
return-to-sleep
SECURITY
TPM
Supports dTPM2.0 by default
(disabled by BIOS setting)
Optional fTPM2.0 supported
N/A
POWER
Type
3pin 3W3 connector
3pin terminal block
Supply
Wide Range 9~50VDC with power management
(on/off delay) and ignition
Wide Range 9~50VDC with power management
(on/off delay) and ignition
OS SUPPORT
Microsoft
Windows 11 IoT Enterprise LTSC SW
Windows 10 IoT Enterprise RS5
Windows 11 IoT Enterprise LTSC SW
Windows 10 IoT Enterprise RS5
Linux
Ubuntu Linux 20.04
Ubuntu Linux 20.04
MECHANISM
Construction
Metal + Aluminum
Metal + Aluminum
Mounting
Wall mount
Wall mount
Dimensions
(W x H x D)
235mmx 87.5mmx 221mm
( mounting bracket excluded )
235mmx 87.5mmx 221mm
( mounting bracket excluded )
Weight
5.5 kg
5.5 kg
Color
Black and Silver
Black and Silver
ENVIRONMENT
Operating
Temperature
-20°C to 70°C
without turbo boost and throttling is expected
-20°C to 70°C
without turbo boost and throttling is expected
Storage
Temperature
-40°C to 85°C
-40°C to 85°C
Relative
Humidity
10% to 95% (non-condensing)
10% to 95% (non-condensing)
STANDARDS
AND
CERTIFICATIONS
Shock
MIL-STD-810G Method 516.6, Procedure 1,
OP:10G 11ms, Non-OP: 40G 11ms
(Tested by SSD, HDD is not support)
MIL-STD-810G Method 516.6, Procedure 1,
OP:10G 11ms, Non-OP: 40G 11ms
(Tested by SSD, HDD is not support)
Vibration
MIL-STD-810G Method 514.6C-3, Category 4
Composite wheeled vehicle Table 514.6C-VI
MIL-STD-810G Method 514.6C-3, Category 4
Composite wheeled vehicle Table 514.6C-VI
Certifciation
FCC, E-Mark (E24), CE, RoHS, UKCA
FCC, E-Mark (E24), CE, RoHS, UKCA
ORDERING INFORMATION
Model Name
Part Number
CPU
Power connector
PCH
USB 3.1
DI
DO
POE
10G
VC500-CMS-POEM12-Q
750-VC50000-000G 
-
3W3
Q470E
8
1
1
4 (M12)
-
VC500-CMS-10G-Q
750-VC50000-100G 
-
3W3
Q470E
8
1
1
-
2
VC500-CMS-POE-Q
750-VC50000-210G
-
3W3
Q470E
8
1
1
4 (RJ45)
-
VC500-CMS-H
750-VC50000-310G
-
Terminal block
H420E
6
-
-
-
-
VC500-CMS-10G-W-X127
750-VC50000-600G  Xeon-1270TE
Terminal block
W480E
8
1
1
-
2
VC500-CMS-Q
750-VC50000-700G 
-
Terminal block
Q470E
8
1
1
-
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com