Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2200540 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2200540
Description  ME 90 UT/FE BUS/10 KMGY - Mounting base housing
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2200540 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2200540 Datasheet HTML 1Page - PHOENIX CONTACT 2200540 Datasheet HTML 2Page - PHOENIX CONTACT 2200540 Datasheet HTML 3Page - PHOENIX CONTACT 2200540 Datasheet HTML 4Page - PHOENIX CONTACT 2200540 Datasheet HTML 5Page - PHOENIX CONTACT 2200540 Datasheet HTML 6Page - PHOENIX CONTACT 2200540 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
DIN rail housing, Lower housing part with metal foot catch, with 4 FE contacts, tall design, with
vents, width: 90.4 mm, height: 99 mm, depth: 107.3 mm, color: light gray (similar RAL 7035),
cross connection: integrated bus connector, number of positions cross connector: 10, Bus
connector: 10 parallel contacts
Your advantages
Tool-free mounting
•
Available in overall widths from 12.5 mm ... 90 mm, modular extension is possible
•
Flammability rating V0 in accordance with UL 94
•
Variety of connection technology
•
Can be mounted on the DIN rail
•
With integrated or DIN-rail-mountable bus connector as an option
•
Commercial data
Item number
2200540
Packing unit
8 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
AC08
Product key
ACHAAB
Catalog page
Page 665 (C-1-2013)
GTIN
4046356608060
Weight per piece (including packing)
140 g
Weight per piece (excluding packing)
140 g
Customs tariff number
85369010
Country of origin
DE
ME 90 UT/FE BUS/10 KMGY - Mounting base housing
2200540
https://www.phoenixcontact.com/us/products/2200540
Feb 26, 2025, 1:57 AM
Page 1 (7)


Similar Part No. - 2200540

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200541 PHOENIX-2200541 Datasheet
311Kb / 8P
ME 67,5 UT/FE BUS/102 KMGY - Mounting base housing
2200543 PHOENIX-2200543 Datasheet
303Kb / 7P
ME 90 UT/FE BUS/102 KMGY - Mounting base housing
2200544 PHOENIX-2200544 Datasheet
222Kb / 11P
Mounting base housing - ME 67,5 UT TBUS KMGY
11/25/2021
2200545 PHOENIX-2200545 Datasheet
227Kb / 11P
Mounting base housing - ME 90 UT TBUS KMGY
11/25/2021
2200546 PHOENIX-2200546 Datasheet
45Kb / 2P
Plug-in connection with screw, spring-cage or fast connection technology
More results

Similar Description - 2200540

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2869430 PHOENIX-2869430 Datasheet
58Kb / 4P
Electronic housing - ME 12,5 UT KMGY
2200740 PHOENIX-2200740 Datasheet
52Kb / 2P
Electronic housing - ME 22,5 UT BUS/102 KMGY
2202951 PHOENIX-2202951 Datasheet
136Kb / 10P
Mounting base housing - BC 107,6 UT HBUS KMGY
09/12/2020
2854157 PHOENIX-2854157 Datasheet
121Kb / 9P
Mounting base housing - ME 22,5 F-UTG/FE GN
09/12/2020
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2914835 PHOENIX-2914835 Datasheet
123Kb / 10P
Mounting base housing - ME 22,5 F-UT TBUS KMGY
09/12/2020
2914987 PHOENIX-2914987 Datasheet
264Kb / 9P
Mounting base housing - ME 22,5 UT/FE BU
11/25/2021
2869511 PHOENIX-2869511 Datasheet
226Kb / 11P
Mounting base housing - ME 45 UT TBUS KMGY
11/25/2021
2200544 PHOENIX-2200544 Datasheet
222Kb / 11P
Mounting base housing - ME 67,5 UT TBUS KMGY
11/25/2021
2200545 PHOENIX-2200545 Datasheet
227Kb / 11P
Mounting base housing - ME 90 UT TBUS KMGY
11/25/2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com