Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2200540 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2200540
Description  ME 90 UT/FE BUS/10 KMGY - Mounting base housing
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2200540 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2200540 Datasheet HTML 1Page - PHOENIX CONTACT 2200540 Datasheet HTML 2Page - PHOENIX CONTACT 2200540 Datasheet HTML 3Page - PHOENIX CONTACT 2200540 Datasheet HTML 4Page - PHOENIX CONTACT 2200540 Datasheet HTML 5Page - PHOENIX CONTACT 2200540 Datasheet HTML 6Page - PHOENIX CONTACT 2200540 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Notes
Assembly note
Please observe the application note in the download area.
Recommendation
Material of contact pads for bus connector, galvanic gold (hard
gold)
Product properties
Product type
Enclosure bottom part
Housing type
DIN rail housing
Housing series
ME
Product family
ME 90..
Max. number of positions
0)
Type
Lower housing part with metal foot catch, with 4 FE contacts, tall
design
Ventilation openings present
yes
Dimensions
Dimensional drawing
Width
90.4 mm
Height
99 mm
Depth
107.3 mm
Depth from top edge of DIN rail
100.7 mm
Depth from top edge of DIN rail to support point on upper part
68.5 mm
PCB design
PCB thickness
1.4 mm ... 1.8 mm
Material specifications
Color (Housing)
light gray (RAL 7035)
Flammability rating according to UL 94
V0
CTI according to IEC 60112
600
Housing material
PA
Surface characteristics
untreated
Environmental and real-life conditions
Power dissipation single housing for 20 °C
ME 90 UT/FE BUS/10 KMGY - Mounting base housing
2200540
https://www.phoenixcontact.com/us/products/2200540
Feb 26, 2025, 1:57 AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com