Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3087MPBF Datasheet(PDF) 29 Page - International Rectifier

Part # IR3087MPBF
Description  XPHASETM PHASE IC WITH OPTI-PHASETM, OVP, AND OVERTEMP DETECT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3087MPBF Datasheet(HTML) 29 Page - International Rectifier

Back Button IR3087MPBF Datasheet HTML 25Page - International Rectifier IR3087MPBF Datasheet HTML 26Page - International Rectifier IR3087MPBF Datasheet HTML 27Page - International Rectifier IR3087MPBF Datasheet HTML 28Page - International Rectifier IR3087MPBF Datasheet HTML 29Page - International Rectifier IR3087MPBF Datasheet HTML 30Page - International Rectifier IR3087MPBF Datasheet HTML 31Page - International Rectifier IR3087MPBF Datasheet HTML 32Page - International Rectifier IR3087MPBF Datasheet HTML 33Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
IR3087PBF
RPHASE41=10kΩ, RPHASE42=768Ω, RPHASE43=2.80kΩ
Bootstrap Capacitor CBST
Choose CBST=0.1uF
Decoupling Capacitors for Phase IC and Power Stage
Choose CVCC=0.1uF, CVCCL=0.1uF
Opti-Phase Resistors ROP1 and ROP2
Disable Opti-phase function for phase 1 to keep it running at any load condition. Set the Opti-Phase shedding
current threshold for phases 2 to 5 at 20 A. Pre-select ROP21 = 10.0 kΩ, and calculate ROP22.
Ω
=
+
−
+
=
∗
+
∗
−
+
∗
∗
=
−
−
−
−
464
34
*
]
10
*
55
.
0
10
*
5
.
0
*
)
6
/
20
[(
8
.
6
34
*
]
10
*
55
.
0
10
*
5
.
0
*
)
6
/
20
[(
*
10
*
20
]
)
/
[(
*
]
)
/
[(
3
3
3
3
3
_
_
_
_
21
22
CS
TOFST
CS
L
OP
O
BIAS
CS
TOFST
CS
L
OP
O
OP
OP
G
V
R
n
I
V
G
V
R
n
I
R
R
ROP31 = ROP41 = ROP51 = ROP61 = 10.0 kΩ
ROP32 = ROP42 = ROP52 = ROP62 = 464 Ω
VOLTAGE LOOP COMPENSATION
Type III compensation is used for the converter with only ceramic output capacitors. The crossover frequency and
phase margin of the voltage loop can be estimated as follows.
kHz
R
R
G
C
R
f
LE
FB
CS
E
DRP
C
146
)
6
/
10
*
5
.
0
(
162
34
)
10
*
22
62
(
2
576
2
3
6
1
=
∗
∗
∗
∗
∗
=
∗
∗
∗
∗
=
−
−
π
π
°
=
∗
−
=
63
180
)
5
.
0
tan(
90
1
π
θ
A
C
Choose
Ω
=
∗
=
∗
=
110
162
3
2
3
2
1
FB
FB
R
R
Choose the desired crossover frequency fc (=140kHz) around fc1 estimated above, and calculate
nF
R
f
C
FB
C
FB
2
.
5
110
10
*
140
4
1
4
1
3
1
=
∗
∗
=
∗
∗
=
π
π
, choose CFB=5.6nF
nF
R
C
R
R
C
DRP
FB
FB
FB
DRP
7
.
2
576
10
*
6
.
5
)
110
162
(
)
(
9
1
=
∗
+
=
∗
+
=
−
Ω
=
−
∗
∗
∗
∗
∗
=
∗
∗
∗
∗
∗
=
−
−
−
k
V
V
R
C
L
f
R
O
RAMP
FB
E
E
C
CP
65
.
1
10
*
20
3
.
1
75
.
0
*
162
)
62
10
*
22
(
)
6
/
10
*
100
(
)
10
*
140
2
(
)
2
(
3
6
9
2
3
2
π
π
nF
R
C
L
C
CP
E
E
CP
27
10
65
.
1
)
62
*
10
*
22
(
)
6
/
10
*
100
(
10
10
3
6
9
=
∗
∗
∗
=
∗
∗
=
−
−
Choose CCP1=47pF to reduce high frequency noise.
Page 29 of 35
1/31/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com