Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3087MPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IR3087MPBF
Description  XPHASETM PHASE IC WITH OPTI-PHASETM, OVP, AND OVERTEMP DETECT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3087MPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3087MPBF Datasheet HTML 3Page - International Rectifier IR3087MPBF Datasheet HTML 4Page - International Rectifier IR3087MPBF Datasheet HTML 5Page - International Rectifier IR3087MPBF Datasheet HTML 6Page - International Rectifier IR3087MPBF Datasheet HTML 7Page - International Rectifier IR3087MPBF Datasheet HTML 8Page - International Rectifier IR3087MPBF Datasheet HTML 9Page - International Rectifier IR3087MPBF Datasheet HTML 10Page - International Rectifier IR3087MPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
IR3087PBF
SYSTEM THEORY OF OPERATION
XPhase
TM Architecture
The XPhase
TM architecture is designed for multiphase interleaved buck converters which are used in applications
requiring small size, design flexibility, low voltage, high current and fast transient response. The architecture can
control converters of any phase number where flexibility facilitates the design trade-off of multiphase converters.
The scalable architecture can be applied to other applications which require high current or multiple output voltages.
As shown in Figure 1, the XPhase
TM architecture consists of a Control IC and a scalable array of phase converters
each using a single Phase IC. The Control IC communicates with the Phase ICs through a 5-wire analog bus, i.e.
bias voltage, phase timing, average current, error amplifier output, and VID voltage. The Control IC incorporates all
the system functions, i.e. VID, PWM ramp oscillator, error amplifier, bias voltage, and fault protections etc. The
Phase IC implements the functions required by the converter of each phase, i.e. the gate drivers, PWM comparator
and latch, over-voltage protection, and current sensing and sharing.
There is no unused or redundant silicon with the XPhase
TM architecture compared to others such as a 4 phase
controller that can be configured for 2, 3, or 4 phase operation. PCB Layout is easier since the 5 wire bus
eliminates the need for point-to-point wiring between the Control IC and each Phase. The critical gate drive and
current sense connections are short and local to the Phase ICs. This improves the PCB layout by lowering the
parasitic inductance of the gate drive circuits and reducing the noise of the current sense signal.
0.1uF
CCS
RCS
CCS
0.1uF
CIN
RCS
VOUT+
VOUT-
VOUT SENSE-
VID0
VID3
12V
VOUT SENSE+
VID4
VID2
VR HOT
POWER GOOD
VID5
VID1
ENABLE
OC
INPUT/OUTPUT
ADDITIONAL PHASES
<< CURRENT SENSE
>> PWM CONTROL
>> PHASE TIMING
>> BIAS VOLTAGE
IR3081A
CONTROL
IC
>> VID VOLTAGE
CURRENT SHARE
CURRENT SHARE
COUT
CONTROL BUS
IR3087
PHASE IC
BIAS VOLTAGE
GATE VOLTAGE
REGULATOR
IR3087
PHASE IC
PHASE HOT
PHASE HOT
PHASE FAULT
VID VOLTAGE
PWM CONTROL
PHASE TIMING
BIAS VOLTAGE
VID VOLTAGE
PWM CONTROL
PHASE TIMING
OC OC
OC OC OC
OC OC OC
Figure 1. System Block Diagram
Page 7 of 35
1/31/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com