Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC457L0NIP Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC457L0NIP
Description  High Speed and High CMR ∗OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC457L0NIP Datasheet(HTML) 3 Page - Sharp Corporation

  PC457L0NIP Datasheet HTML 1Page - Sharp Corporation PC457L0NIP Datasheet HTML 2Page - Sharp Corporation PC457L0NIP Datasheet HTML 3Page - Sharp Corporation PC457L0NIP Datasheet HTML 4Page - Sharp Corporation PC457L0NIP Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PC457L0NIP
Ambient temperature Ta (°C)
0
20
40
45
60
80
100
−55
0
25
50
100
125
70
P
PO
Fig.3
Forward Current vs. Ambient
Temperature
Fig.4
Power Dissipation vs. Ambient
Temperature
Fig.6
Relative Current Transfer Ratio vs.
Forward Current
Ambient temperature Ta (°C)
0
5
10
15
20
25
−55
0
25
50
100
125
70
Forward current IF (mA)
0.1
1
10
100
100
150
200
0
VCC=4.5V
VO=0.4V
Ta=25˚C
50
CTR
=100% at I
F=16mA
Fig.5
Forward Current vs. Forward Voltage
Forward voltage VF (V)
1.0
1.2
1.4
1.6
1.8
2.0
1
10
100
0.1
Ta=70˚C
Ta=50˚C
Ta=25˚C
Ta=0˚C
Ta=100˚C
Ta=−25˚C
Ta=−55˚C
Fig.8
Relative Current Transfer Ratio vs.
Ambient Temperature
90
110
130
150
50
Ambient temperature Ta (˚C)
−55 −40 −20
0
20
40
60
100
80
IF=16mA
VCC=4.5V
VO=0.4V
70
CTR
=100% at T
a=25˚C
Fig.7
Output Current vs. Output Voltage
8
10
12
14
16
18
0
Dotted line shows
pulse characteristics
4
6
IF=25mA
IF=20mA
IF=15mA
IF=10mA
IF=5mA
Output voltage VO (V)
02468
10
12
20
14
16
18
Ta=25˚C
VCC=5V
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com