Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC457L0NIP Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC457L0NIP
Description  High Speed and High CMR ∗OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC457L0NIP Datasheet(HTML) 4 Page - Sharp Corporation

  PC457L0NIP Datasheet HTML 1Page - Sharp Corporation PC457L0NIP Datasheet HTML 2Page - Sharp Corporation PC457L0NIP Datasheet HTML 3Page - Sharp Corporation PC457L0NIP Datasheet HTML 4Page - Sharp Corporation PC457L0NIP Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PC457L0NIP
0
800
400
600
−55
−20
−40
60
80
20
40
0
100
Ambient temperature Ta (˚C)
tPLH
tPHL
200
IF=16mA
VCC=5V
RL=1.9kΩ
Fig.9
High Level Output Current vs.
Ambient Temperature
Fig.10
Propagation Delay Time vs. Ambient
Temperature
Ambient temperature Ta (˚C)
−25
0
25
50
100
75
1
10
100
1 000
0.1
IF=0mA
VCC=VO=30V
VCC=VO=15V
VCC=VO=5.5V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com