Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2PCIE2422 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI2PCIE2422
Description  PCI Express Gen II, 2-lane (4-channel), Differential Mux/Demux with Bypass
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2PCIE2422 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI2PCIE2422 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
PS8871C
10/03/07
PI2PCIE2422
PCI Express Gen II Compliant, 8-Differential
Channel Switch with 8:4 Mux/DeMux Option
Fig 5: Typical Insertion Loss Plot from 1MHz to 6.0GHz, Vcc=1.8V, 25C
07-0222



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com