Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2PCIE2422 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI2PCIE2422
Description  PCI Express Gen II, 2-lane (4-channel), Differential Mux/Demux with Bypass
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2PCIE2422 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI2PCIE2422 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI2PCIE2422 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
PS8871C
10/03/07
Features
• 8 Differential Channel SPST switch with Mux/DeMux option
• PCI Express Gen II performance
• Low Bit-to-Bit Skew: 10ps (between +/- signals)
• Low Crosstalk: -35dB @ 3.0 GHz
• Low Off Isolation: -26db @ 3.0 GHz
• VCC Operating Range: +1.5V to +2.0V
• ESD Tolerance >2kV HBM
• Packaging (Pb-free & Green): 42-contact TQFN (ZH42)
Description
Pericom semiconductor’s PI2PCIE2422 is an 8 to 4 channel
differential multiplexer/demultiplexer featuring 8-channel pass-
through. It supports two full PCI Express lanes at 5.0Gbps Gen
II performance.
With the select control input low Port A connects to Port B, and
Port C connects to port D for an 8-channel differential pass-though.
When the select control input is high Port A connects to Port D, and
Port B and Port C are in a high-impedance state. The mux/demux
function is between Port A and Ports B or D as determined by the
select input control.
Block Diagram
PI2PCIE2422
PCI Express Gen II, 2-lane (4-channel),
Differential Mux/Demux with Bypass
Truth Table
Function
SEL
Ax = Bx
Cx = Dx
L
Ax = Dx
B = C = Hi-Z
H
A0
A1
SEL
C0
C1
B0
B1
D0
D1
A2
A3
C2
C3
B2
B3
D2
D3
A4
A5
C4
C5
B4
B5
D4
D5
A6
A7
C6
C7
B6
B7
D6
D7
Pin Diagram
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
B0
B1
D0
D1
B2
B3
D2
D3
VCC
B4
B5
D4
D5
B6
B7
D6
D7
A0
A1
C0
C1
A2
A3
C2
C3
SEL
A4
A5
C4
C5
A6
A7
C6
C7
07-0222


Similar Part No. - PI2PCIE2422

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2PCIE2412 PERICOM-PI2PCIE2412 Datasheet
809Kb / 9P
1.8V, PCI Express Gen-II Compliant 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI2PCIE2412ZHE PERICOM-PI2PCIE2412ZHE Datasheet
809Kb / 9P
1.8V, PCI Express Gen-II Compliant 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI2PCIE2442 PERICOM-PI2PCIE2442 Datasheet
950Kb / 8P
PCI Express 2.0, 2-lane Exchange Switch
PI2PCIE2442ZHEX PERICOM-PI2PCIE2442ZHEX Datasheet
950Kb / 8P
PCI Express 2.0, 2-lane Exchange Switch
More results

Similar Description - PI2PCIE2422

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2PCIE2412 PERICOM-PI2PCIE2412 Datasheet
809Kb / 9P
1.8V, PCI Express Gen-II Compliant 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
logo
ON Semiconductor
NCN2411 ONSEMI-NCN2411 Datasheet
315Kb / 9P
4-Channel Differential 1:2 Mux/Demux Switch for PCI Express Gen2
August, 2011 ??Rev. 0
NCN3411 ONSEMI-NCN3411 Datasheet
527Kb / 10P
4-Differential Channel 1:2 Mux/Demux Switch for PCI Express Gen3
September, 2011 ??Rev. 0
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
4 Differential Channel, 2:1 Mux/DeMux
PI2PCIE2214 PERICOM-PI2PCIE2214 Datasheet
1,011Kb / 6P
PCI Express 2.0, 1-lane, 4:1 Mux/DeMux Switch
PI3PCIE2215 PERICOM-PI3PCIE2215 Datasheet
409Kb / 10P
3.3V, PCI Express 1-lane, 2:1 Mux/DeMux Switch
PI3PCIE2415 PERICOM-PI3PCIE2415 Datasheet
916Kb / 9P
3.3V PCI Express 2.0, 2-Lane, 2:1 Mux/DeMux Switch
PI3PCIE3412 PERICOM-PI3PCIE3412 Datasheet
1Mb / 10P
3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch, with Single Enable
PI3PCIE3422 PERICOM-PI3PCIE3422 Datasheet
791Kb / 9P
3.3V, PCI Express 3.0 2-Lane, (4-Channel), Differential Mux/Demux with Bypass
PI3PCIE3415 PERICOM-PI3PCIE3415_13 Datasheet
1Mb / 10P
3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com