Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KD1084 Datasheet(PDF) 1 Page - STMicroelectronics

Part # KD1084
Description  5A Low drop positive voltage regulator adjustable and fixed
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KD1084 Datasheet(HTML) 1 Page - STMicroelectronics

  KD1084_07 Datasheet HTML 1Page - STMicroelectronics KD1084_07 Datasheet HTML 2Page - STMicroelectronics KD1084_07 Datasheet HTML 3Page - STMicroelectronics KD1084_07 Datasheet HTML 4Page - STMicroelectronics KD1084_07 Datasheet HTML 5Page - STMicroelectronics KD1084_07 Datasheet HTML 6Page - STMicroelectronics KD1084_07 Datasheet HTML 7Page - STMicroelectronics KD1084_07 Datasheet HTML 8Page - STMicroelectronics KD1084_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
May 2007
Rev. 6
1/22
22
KD1084 series
5A Low drop positive voltage regulator adjustable and fixed
Features
■ Typical dropout 1.3V (at 5A)
■ Three terminal adjustable or fixed output
voltage 1.8V, 2.5V, 3.3V.
■ Guaranteed output current up to 5A
■ Output tolerance ±1% at 25°C and ±2% in full
temperature range for the "A" version
■ Output tolerance ±2% at 25°C and ±3% In full
temperature range internal power and thermal
limit
■ Wide operating temp. range -40°C to 125°C
■ Package available: TO-220, D2PAK, DPAK
■ Pinout compatibility with standard adjustable
VREG
Description
The KD1084 is a LOW DROP Voltage Regulator
able to provide up to 5A of Output Current.
Dropout is guaranteed at a maximum of 1.5V at
the maximum output current, decreasing at lower
loads. The KD1084 is pin to pin compatible with
he older 3-terminal adjustable regulators but has
better performances in term of drop and output
tolerance. A 2.85V output version is suitable for
SCSI-2 active termination. Unlike PNP regulators,
where a part of the output current is wasted as
quiescent current, the KD1084 quiescent current
flows into the load, so increase efficiency. Only a
10µF minimum capacitor is need for stability.
The devices are supplied in TO-220, D2PAK and
DPAK. On chip trimming allows the regulator to
reach a very tight output voltage tolerance, within
±1% at 25°C for "A" version and ±2% at 25°C for
standard version.
DPAK
TO-220
D2PAK
www.st.com
Schematic diagram


Similar Part No. - KD1084_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KD1084AD2M STMICROELECTRONICS-KD1084AD2M Datasheet
358Kb / 18P
5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
May-2002
KD1084AD2M15 STMICROELECTRONICS-KD1084AD2M15 Datasheet
358Kb / 18P
5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
May-2002
KD1084AD2M18 STMICROELECTRONICS-KD1084AD2M18 Datasheet
358Kb / 18P
5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
May-2002
KD1084AD2M25 STMICROELECTRONICS-KD1084AD2M25 Datasheet
358Kb / 18P
5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
May-2002
KD1084AD2M28 STMICROELECTRONICS-KD1084AD2M28 Datasheet
358Kb / 18P
5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
May-2002
More results

Similar Description - KD1084_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KD1083 STMICROELECTRONICS-KD1083 Datasheet
476Kb / 11P
7.5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
Oct-2002
KD1084 STMICROELECTRONICS-KD1084 Datasheet
358Kb / 18P
5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
May-2002
LD1084 STMICROELECTRONICS-LD1084 Datasheet
563Kb / 18P
5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
May-2003
LD1085C STMICROELECTRONICS-LD1085C Datasheet
370Kb / 15P
3A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
Jul-2002
LD1085 STMICROELECTRONICS-LD1085_07 Datasheet
509Kb / 27P
3A Low drop positive voltage regulator adjustable and fixed
07-Jun-2007
LD1086XX STMICROELECTRONICS-LD1086XX Datasheet
584Kb / 37P
1.5A Low drop positive voltage regulator adjustable and fixed
19-Jul-2007
LD1117XX STMICROELECTRONICS-LD1117XX Datasheet
1Mb / 42P
Adjustable and fixed low drop positive voltage regulator
22-Mar-2010
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
logo
First Silicon Co., Ltd
FR1117P FS-FR1117P Datasheet
401Kb / 6P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
2012. 07. 20 Revision No : 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com