Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KD1084 Datasheet(PDF) 5 Page - STMicroelectronics

Part # KD1084
Description  5A Low drop positive voltage regulator adjustable and fixed
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KD1084 Datasheet(HTML) 5 Page - STMicroelectronics

  KD1084_07 Datasheet HTML 1Page - STMicroelectronics KD1084_07 Datasheet HTML 2Page - STMicroelectronics KD1084_07 Datasheet HTML 3Page - STMicroelectronics KD1084_07 Datasheet HTML 4Page - STMicroelectronics KD1084_07 Datasheet HTML 5Page - STMicroelectronics KD1084_07 Datasheet HTML 6Page - STMicroelectronics KD1084_07 Datasheet HTML 7Page - STMicroelectronics KD1084_07 Datasheet HTML 8Page - STMicroelectronics KD1084_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
KD1084 series
Schematic application
5/22
3
Schematic application
Figure 2.
Application circuit
V
O
V
REF
1
R
2
R
1
-------
+
⎝⎠
⎛⎞
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com