Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD3530 Datasheet(PDF) 5 Page - Analog Devices

Part # AD3530
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530 Datasheet(HTML) 5 Page - Analog Devices

  AD3530 Datasheet HTML 1Page - Analog Devices AD3530 Datasheet HTML 2Page - Analog Devices AD3530 Datasheet HTML 3Page - Analog Devices AD3530 Datasheet HTML 4Page - Analog Devices AD3530 Datasheet HTML 5Page - Analog Devices AD3530 Datasheet HTML 6Page - Analog Devices AD3530 Datasheet HTML 7Page - Analog Devices AD3530 Datasheet HTML 8Page - Analog Devices AD3530 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
Data Sheet
AD3530/AD3530R
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 45
Table 2. Electrical Characteristics (Continued)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
1kΩ to GND, 7.7kΩ to GND, and 32kΩ to GND6
0.67
0.85
mA
External reference
1.45
1.7
mA
Internal reference
1 Static Performance tested with the outputs unloaded, unless otherwise noted. Linearity calculated using a reduced code range of 256 to 65279
2 The device includes current limiting that is intended to protect the device during temporary overload conditions. Junction temperature can be exceeded during current limit.
Operation above the specified maximum operation junction temperature may impair device reliability
3 Voltage reference temperature coefficient is calculated as per the box method. See the Terminology section for further information.
4 The peak voltage glitch seen on the VOUTn channels when a different channel is monitored through MUX_OUT_SELECT(SEL).
5 Interface inactive. All channels in operating mode 0 with outputs unloaded.
6 Interface inactive. All channels in either operating mode 1, 2 or 3.
AC SPECIFICATIONS
VDD = 2.7V to 5.5V, 1.08V ≤ IOVDD ≤ 1.98V, VREF = 2.5V (external), RL = 2kΩ to GND, CL = 200pF, and all specifications are TJ = −40°C to
+125°C, typical at TA = 25°C, unless otherwise noted.
Table 3. AC Specifications
Parameter
Min
Typ
Max
Unit
Test Condition/Comments
OUTPUT VOLTAGE SETTLING TIME
5
12
μs
¼ to ¾ scale settling to ±2 LSB
SLEW RATE
1.1
V/μs
DIGITAL-TO-ANALOG GLITCH IMPULSE
1
nV-sec
1 LSB change around major carry, internal reference, and
range = 0 to VREF
DIGITAL FEEDTHROUGH
0.05
nV-sec
Internal reference
CROSSTALK1
Digital
0.08
nV-sec
Internal reference
Analog
−0.4
nV-sec
Internal reference and range = 0 to VREF
−0.7
nV-sec
Internal reference and range = 0 to 2 × VREF
DAC-to-DAC
−0.7
nV-sec
Internal reference and range = 0 to 2 × VREF
TOTAL HARMONIC DISTORTION (THD)2
−93
dB
At TA, bandwidth = 20kHz, VDD = 5V, output frequency (fOUT)
= 1kHz, internal reference, and range = 0 to 2 × VREF
OUTPUT NOISE SPECTRAL DENSITY
62
nV/√Hz
DAC code = midscale, 10kHz, range = 0 to 2 × VREF, and
external reference
115
nV/√Hz
DAC code = midscale, 10kHz, range = 0 to 2 × VREF, and
internal reference
OUTPUT NOISE
14
µV p-p
0.1Hz to 10Hz and range = 0 to VREF
SIGNAL-TO-NOISE RATIO (SNR)
92
dB
At TA = 25°C, bandwidth = 20kHz, VDD = 5V, fOUT = 1kHz,
and internal reference
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
84
dB
At TA = 25°C, bandwidth = 20kHz, VDD = 5V, fOUT = 1kHz,
and internal reference
SIGNAL-TO-NOISE-AND-DISTORTION RATIO
(SINAD)
90
dB
At TA = 25°C, bandwidth = 20kHz, VDD = 5V, fOUT = 1kHz,
internal reference, and range = 0 to 2 × VREF
1 See the Terminology section. Measured using internal reference and range = 0 to VREF, unless otherwise noted.
2 Digitally generated sine wave (fOUT) at 1kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com