Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD3530 Datasheet(PDF) 23 Page - Analog Devices

Part # AD3530
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD3530 Datasheet HTML 19Page - Analog Devices AD3530 Datasheet HTML 20Page - Analog Devices AD3530 Datasheet HTML 21Page - Analog Devices AD3530 Datasheet HTML 22Page - Analog Devices AD3530 Datasheet HTML 23Page - Analog Devices AD3530 Datasheet HTML 24Page - Analog Devices AD3530 Datasheet HTML 25Page - Analog Devices AD3530 Datasheet HTML 26Page - Analog Devices AD3530 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
Data Sheet
AD3530/AD3530R
THEORY OF OPERATION
analog.com
Rev. 0 | 23 of 45
For example, the DAC_CH0 register is two bytes long, and the
addresses of its least significant byte and most significant byte are
0xD2 and 0xD3, respectively. Figure 62 and Figure 63 show read
transactions of this register for address ascending and descending
mode, respectively.
Address direction is selected with INTERFACE_CON-
FIG_A(ADDR_ASCENSION). If this bit is set to 0, the address
decrements after each byte is accessed. If this bit is set to 1,
the address increments after each byte is accessed. If a SPI
write transaction to a multibyte register is attempted on a per byte
basis, the register contents are not updated on the device, and
INTERFACE_STATUS_A(REGISTER_PARTIAL_ACCESS_ERR) is
set.
This device contains the following multibyte registers: DAC_CHn,
Input_CHn, MULTI_DAC_CH, and MULTI_INPUT_CH.
Figure 62. Multibyte Read in Ascending Mode
Figure 63. Multibyte Read in Descending Mode
Single Instruction Mode
When INTERFACE_CONFIG_B(SINGLE_INST) is set to 1, stream-
ing mode is disabled, and single instruction mode is enabled. In
single instruction mode, the data phase consists of data for a
single register, and each data phase must be followed by a new
instruction phase (even if CSB remains low). Single instruction
mode allows the digital host to quickly read from and write to
registers with nonadjacent addresses in a single SPI frame (see
Figure 64), whereas streaming mode only allows either reading or
writing to contiguous registers without pulsing CSB high to initiate a
new instruction phase.
Figure 64. Single Instruction Mode
When accessing multibyte registers in single instruction mode,
data phase should include all 2 bytes or 16 SCLK cycles, and
the register address order is dependent on INTERFACE_CON-
FIG_A(ADDR_ASCENSION).
Streaming Mode
When the INTERFACE_CONFIG_B(SINGLE_INST) bit is set to 0,
single instruction mode is disabled, and streaming mode is enabled.
In streaming mode, multiple registers with adjacent addresses can
be accessed with a single instruction phase and data phase, allow-
ing efficient access of contiguous regions of memory (for example,
during initial device configuration). The streaming mode is selected
by default.
When in streaming mode, each SPI frame consists of a single in-
struction phase and the following data phase contains data for mul-
tiple registers with adjacent addresses. A starting register address
is specified by the digital host in the instruction phase, and this
address is automatically incremented or decremented (based on
the address direction setting) after each byte of data is accessed.
Therefore, the data phase can be multiple bytes long, and each
consecutive byte of read or write data corresponds to the next
highest or lowest register address (for ascending and descending
address direction, respectively).
When writing to a multibyte register in streaming mode with address
ascending, the LSB of the register must be addressed in the
instruction phase and data must be provided starting from the LSB
in the data phase. When writing to a multibyte register in streaming
mode with the address descending, the user must start addressing
the most significant byte of the register in the instruction phase
and provide data starting from the most significant byte in the data
phase.
When reading from a multibyte register in streaming mode with
address descending, read back the data starting from the MSB.
When reading from a multibyte register in streaming mode with
address ascending, read back data starting from the LSB.
Figure 65. Streaming Mode SPI transfer
The STREAM_MODE register can be used to specify a set of
consecutive registers to loop through in the data phase. Looping
allows the digital host to repeatedly read from or write to a set of
registers as efficiently as possible.
If the address direction is set to descending, the address decre-
ments until it reaches Address 0x00. On the subsequent byte
access, the address is set to the highest valued byte address
available (0xF9).
If address direction is set to ascending, the address increments
until it reaches the highest valued byte address available (0xF9).
On the subsequent byte access, the address is reset to 0x00.
If STREAM_MODE is set to a value other than 0, looping is ena-
bled, and the value in STREAM_MODE sets the number of bytes to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com