Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8412ARM-EVALZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD8412ARM-EVALZ
Description  −2V to 50V Wide Input Voltage Range, 1.8MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 10V/V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8412ARM-EVALZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8412ARM-EVALZ Datasheet HTML 9Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 10Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 11Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 12Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 13Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 14Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 15Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 16Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
AD8412A
analog.com
Rev. 0
13 of 32
Figure 29. Large Signal Response, Falling, VS = 5V
Figure 30. Maximum Output Sink Current vs. Temperature
at Various Supply Voltages
Figure 31. Maximum Output Source Current vs.
Temperature at Various Supply Voltages
Figure 32. Output Voltage Range from Positive Rail vs.
Output Source Current
Figure 33. Output Voltage Range from Ground vs. Output
Sink Current
Figure 34. Startup Response
INPUT
100mV/DIV
1V/DIV
OUTPUT
TIME (0.50µs/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com