Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8412ARM-EVALZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD8412ARM-EVALZ
Description  −2V to 50V Wide Input Voltage Range, 1.8MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 10V/V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8412ARM-EVALZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8412ARM-EVALZ Datasheet HTML 17Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 18Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 19Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 20Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 21Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 22Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 23Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 24Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
AD8412A
analog.com
Rev. 0
21 of 32
Splitting an External Reference
Use the internal reference resistors to divide an external reference by two with an accuracy of approximately 0.5%.
Split an external reference by connecting one VREFX pin to the GND pin and the other VREFX pin to the reference voltage
(see Figure 54).
Figure 54. Split External Reference
–
+
R1
OUT
GND
VS
VREF1
VREF2
AD8412A
R2
R3
R4
–IN
+IN
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com