Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE2401TBR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STMPE2401TBR
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401TBR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STMPE2401TBR Datasheet HTML 9Page - STMicroelectronics STMPE2401TBR Datasheet HTML 10Page - STMicroelectronics STMPE2401TBR Datasheet HTML 11Page - STMicroelectronics STMPE2401TBR Datasheet HTML 12Page - STMicroelectronics STMPE2401TBR Datasheet HTML 13Page - STMicroelectronics STMPE2401TBR Datasheet HTML 14Page - STMicroelectronics STMPE2401TBR Datasheet HTML 15Page - STMicroelectronics STMPE2401TBR Datasheet HTML 16Page - STMicroelectronics STMPE2401TBR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
STMPE2401
Register map
13/55
5
Register map
All registers have the size of 8-bit. Some of the registers are composed of 2-byte to form 16-
bit registers. For each of the module, their registers are residing within the given address
range.
Table 11. Register map
Address
Module registers
Description
Auto-Increment
(during read/write)
0x00 – 0x07
0x80 – 0x81
Clock and Power
Manager module
Clock and Power Manager register
range.
Yes
0x10 – 0x1F
Interrupt Controller
module
Interrupt Controller register range
Yes
0x30 – 0x37
PWM Controller Module PWM Controller register range
Yes
0x38 – 0x3F
PWM Controller register range
No
0x60 – 0x67
Keypad Controller
Module
Keypad Controller register range
Yes
0x68 – 0x6F
Keypad Controller register range
No
0x70 – 0x77
Rotator Controller
Module
Rotator Controller register range
Yes
0x82 – 0xBF
GPIO Controller Module GPIO Controller register range
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com