Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE2401TBR Datasheet(PDF) 27 Page - STMicroelectronics

Part # STMPE2401TBR
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401TBR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STMPE2401TBR Datasheet HTML 23Page - STMicroelectronics STMPE2401TBR Datasheet HTML 24Page - STMicroelectronics STMPE2401TBR Datasheet HTML 25Page - STMicroelectronics STMPE2401TBR Datasheet HTML 26Page - STMicroelectronics STMPE2401TBR Datasheet HTML 27Page - STMicroelectronics STMPE2401TBR Datasheet HTML 28Page - STMicroelectronics STMPE2401TBR Datasheet HTML 29Page - STMicroelectronics STMPE2401TBR Datasheet HTML 30Page - STMicroelectronics STMPE2401TBR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
STMPE2401
Interrupt system
27/55
9.7
Programming sequence
To configure and initialize the Interrupt Controller to allow interruption to host, observe the
following steps:
●
Set the IER and IEGPIOR registers to the desired values to enable the interrupt
sources that are to be expected to receive from.
●
Configure the output interrupt type and polarity and enable the global interrupt mask by
writing to the ICR.
●
Wait for interrupt.
●
Upon receiving an interrupt, the INT pin is asserted.
●
The host comes to read the ISR through I2C interface. A ‘1’ in the ISR bits indicates
that the corresponding interrupt source is triggered.
●
If the IS8 bit in ISR is set, the interrupt is coming from the GPIO Controller. Then, a
subsequent read is performed on the ISGPIOR to obtain the interrupt status of all 16
GPIOs to locate the GPIO that triggers the interrupt. This is a feature so-called ‘Hot
Key’.
●
After obtaining the interrupt source that triggers the interrupt, the host performs the
necessary processing and operations related to the interrupt source.
●
If the interrupt source is from the GPIO Controller, two write operations with value of ‘1’
are performed to the ISG[x] bit (ISGPIOR) and the IS[8] (ISR) to clear the
corresponding GPIO interrupt.
●
If the interrupt source is from other module, a write operation with value of ‘1’ is
performed to the IS[x] (ISR) to clear the corresponding interrupt.
●
Once the interrupt is being cleared, the INT pin will also be de-asserted if the interrupt
type is level interrupt. An edge interrupt will only assert a pulse width of 250ns.
●
When the interrupt is no longer required, the IC0 bit in ICR may be set to ‘0’ to disable
the global interrupt mask bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com