Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM324 Datasheet(PDF) 2 Page - First Components International

Part # LM324
Description  Quad Differential Input Operational Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM324 Datasheet(HTML) 2 Page - First Components International

  LM324 Datasheet HTML 1Page - First Components International LM324 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LM324 Quad Differential Input
Operational Amplifier
ELECTRICAL CHARACTERISTICS
Item
Symbol
Min
Typ
Max
Unit
Large Signal Open Loop Voltage Gain
A
VOL
25
100
---
V/mV
R
L > 2.0kΩ, VCC = 15 V
0oC < T
A < 70
oC
Channel Separation
CS
---
-120
---
dB
10kHz < f < 20kHz, Input Referenced
Common Mode Rejection
CMR
65
70
---
dB
R
S < 10kΩ
Power Supply Rejection
PSR
65
100
---
dB
Output Voltage - High Limit
V
OH
V
R
L > 2.0kΩ, VCC = 5.0 V
T
A = 25
oC
3.3
3.5
---
R
L > 2.0kΩ, VCC = 30 V
0oC < T
A < 70
oC
26
---
---
R
L > 10kΩ, VCC = 30 V
0oC < T
A < 70
oC
2728---
Output Voltage - Low Limit
V
OL
mV
R
L > 10kΩ, VCC = 5.0 V
0oC < T
A < 70
oC
---
5.0
20
Output Source Current
I
O+
mA
V
ID = 1.0V, VCC = 15 V
T
A = 25
oC
2040---
0oC < T
A < 70
oC
1020---
Output Source Current
I
O-
mA
V
ID = -1.0V, VCC = 15 V
T
A = 25
oC
1020---
0oC < T
A < 70
oC
5.0
8.0
---
V
ID = -1.0V, VO = 200 mV
T
A = 25
oC
1250---
µA
Output Short Circuit to Ground
I
SC
---
40
60
mV
Power Supply Current
mA
R
L =
Ω, V
CC = 30 V, VO = 0V,
0oC < T
A < 70
oC
R
L =
Ω, V
CC = 5.0 V, VO = 0V,
0oC < T
A < 70
oC
V
CC = 5.0V, VEE = GND, TA = 25
oC (unless otherwise noted)
5-2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com