Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM324 Datasheet(PDF) 1 Page - First Components International

Part # LM324
Description  Quad Differential Input Operational Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM324 Datasheet(HTML) 1 Page - First Components International

  LM324 Datasheet HTML 1Page - First Components International LM324 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LM324 Quad Differential Input
Operational Amplifier
FEATURES
l
Short circuit protected outputs
l
3 to 32 V Supply
l
Low input bias current
l
True differential input stage
l
Four devices in a single package
l
Industry standard pin layout
l
Internally compensated
PIN ARRANGEMENT
14 SOP LM324S
14 DIP LM324
ABSOLUTE MAXIMUM RATINGS
Power Supply Voltage
V
CC
+32 or +16
V
Input Differential Voltage Range
V
IDR
+32
V
Input Common Mode Voltage Range
V
ICR
-0.3 to +32
V
Output Short Circuit-to-Ground
I
SC
Continuous
mA
Operating Ambient Temperature Range
T
A
0 to 70
oC
Operating Junction Temperature
T
J
150
oC
Storage Temperature Range
T
S
-65 to 150
oC
Item
Symbol
Rating
Unit
ELECTRICAL CHARACTERISTICS
V
CC = 5.0V, VEE = GND, TA = 25
oC (unless otherwise noted)
Item
Symbol
Min
Typ
Max
Unit
Input Offset Voltage
V
IO
---
2.0
7.0
mV
0oC < T
A < 70
oC
---
---
9.0
Avg. Temp. Coeff. of Input Offset Voltage
∆V
IO/∆T
0oC < T
A < 70
oC
---
7.0
---
µV/oC
Input Offset Current
I
IO
---
5.0
50
nA
0oC < T
A < 70
oC
---
---
150
Avg. Temp. Coeff. of Input Offset Current
∆I
IO/∆T
0oC < T
A < 70
oC
---
10
---
pA/oC
Input Bias Current
I
IB
---
90
250
nA
0oC < T
A < 70
oC
---
---
500
Input Common Mode Voltage Range (1)
V
ICR
0
---
V
CC-1.7
V
0oC < T
A < 70
oC
0
---
V
CC-2.0
Differential Input Voltage Range
V
IDR
---
---
V
CC
V
5-1


Similar Part No. - LM324

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM324 PHILIPS-LM324 Datasheet
136Kb / 7P
Low power quad op amps
1995 Nov 27
logo
STMicroelectronics
LM324 STMICROELECTRONICS-LM324 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Jun-1999
logo
Fairchild Semiconductor
LM324 FAIRCHILD-LM324 Datasheet
139Kb / 12P
Quad Operational Amplifier
2002 Rev. 1.0.4
logo
Intersil Corporation
LM324 INTERSIL-LM324 Datasheet
200Kb / 7P
Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
logo
ON Semiconductor
LM324 ONSEMI-LM324 Datasheet
129Kb / 12P
Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
More results

Similar Description - LM324

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4084 NEC-UPC4084 Datasheet
223Kb / 8P
J-FET INPUT QUAD OPERATIONAL AMPLIFIER???
logo
ON Semiconductor
MC3403 ONSEMI-MC3403 Datasheet
165Kb / 8P
QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
MC4741C ONSEMI-MC4741C Datasheet
138Kb / 6P
DIFFERENTIAL INPUT OPERATIONAL AMPLIFIER
REV 5
logo
M.S. Kennedy Corporatio...
MSK801 MSK-MSK801 Datasheet
234Kb / 6P
FET INPUT DIFFERENTIAL OPERATIONAL AMPLIFIER
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
JFET INPUT QUAD OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM074 NJRC-NJM074_03 Datasheet
91Kb / 2P
QUAD J-FET INPUT OPERATIONAL AMPLIFIER
logo
Analog Devices
OP497GSZ AD-OP497GSZ Datasheet
322Kb / 16P
Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
logo
Texas Instruments
LF444-DIE TI1-LF444-DIE Datasheet
99Kb / 5P
Quad Low Power JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
Wide Bandwidth Quad JFET Input Operational Amplifier
logo
Analog Devices
OP497 AD-OP497_17 Datasheet
283Kb / 17P
Precision Picoampere Input Current Quad Operational Amplifier
2/09-Rev. D to Rev. E
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com