Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM339 Datasheet(PDF) 2 Page - First Components International

Part # LM339
Description  QUAD VOLTAGE COMPARATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM339 Datasheet(HTML) 2 Page - First Components International

  LM339 Datasheet HTML 1Page - First Components International LM339 Datasheet HTML 2Page - First Components International LM339 Datasheet HTML 3Page - First Components International LM339 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LM339 Quad Voltage Comparator
ELECTRICAL CHARACTERISTICS
V
CC = 5.0Vdc, 0
oC < T
A < 25
oC (unless otherwise noted)
Item
Symbol
Min
Typ
Max
Unit
Input Offset Voltage (3)
V
IO
mV
T
A = 25
oC
---
+2.0
+5.0
T
A = 0
oC to 70oC
---
---
+9.0
Input Bias Current (3,4)
I
IB
nA
T
A = 25
oC
---
25
250
T
A = 0
oC to 70oC
---
---
400
Input Offset Current (3)
I
IO
nA
T
A = 25
oC
---
+50
+50
T
A = 0
oC to 70oC
---
---
+150
Input Common Mode Voltage Range (6)
V
ICR
V
T
A = 25
oC
0
---
V
CC-1.5
T
A = 0
oC to 70oC
0
---
V
CC-2.0
Supply Current
I
CC
mA
R
L =
, T
A = 25
oC
---
0.8
2.0
R
L =
, V
CC = 30Vdc
---
---
---
Voltage Gain
A
VOL
---
200
---
V/mV
R
L > 15K, VCC = 15 Vdc
Large Signal Response Time
---
---
300
---
ns
V1 = TTL Logic Swing.
Vref = 1.4 Vdc
VRL = 5.0 Vdc, RL = 5.1K
Response Time (6)
t
TLH
---
13
---
µs
VRL = 5.0 Vdc, RL = 5.1K
Output Sink Current
I
Sink
6.0
16
---
mA
V1(-) > 1.0 Vdc, V1(+) = 0 Vdc
Vo < 1.5 Vdc
Saturation Voltage
V
SAT
mV
V1(-) > 1.0 Vdc, V1(+) = 0 Vdc
---
130
400
I
Sink < 4.0 mA, TA = 25
oC
0oC < T
A < 70
oC
---
---
700
Output Leakage Current
I
OL
nA
V1(-) = 0 Vdc, V1(+) > 1.0 Vdc
---
0.1
---
Vo = 5.0 Vdc, T
A = 25
oC
V1(-) = 0 Vdc, V1(+) > 1.0 Vdc
---
---
1000
Vo = 30 Vdc, 0oC < T
A < 70
oC
Input Differential Voltage (6)
V
ID
---
---
V
CC
V
All Vin > GND or V-Supply
0oC < T
A < 70
oC
5-4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com