Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM339 Datasheet(PDF) 1 Page - First Components International

Part # LM339
Description  QUAD VOLTAGE COMPARATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM339 Datasheet(HTML) 1 Page - First Components International

  LM339 Datasheet HTML 1Page - First Components International LM339 Datasheet HTML 2Page - First Components International LM339 Datasheet HTML 3Page - First Components International LM339 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LM339 Quad Voltage Comparator
QUAD VOLTAGE COMPARATORS
These comparators are designed for use in level detection, low–level sensing and memory
applications in consumer automotive and industrial electronic applications.
FEATURES
l Single or dual supplies
l Low Input Bias Current - 25nA(Typ)
l Low Input Offset Voltage - +1.0mV(Typ)
l Low Input Offset Current - +5.0nA(Typ)
l Input common-mode voltage range to GND
l Output Compatible with TTL, MOS,
and CMOS
l Low output saturation voltage - 130mV(Typ)
@ 4.0mA
PIN ARRANGEMENT
14 SOP LM339CS
14 DIP LM339CD
ABSOLUTE MAXIMUM RATINGS
Power Supply Voltage
V
CC
+36 or +18
V
Input Differential Voltage Range
V
IDR
36
V
Input Common Mode Voltage Range
V
ICR
-0.3 to +36
V
Output Short Circuit-to-Ground
I
SC
Continuous
mA
Power Dissipation @ 25oCP
D
1.0
W
Derate above 25oC
8.0
mW/oC
Operating Ambient Temperature Range
T
A
0 to 70
oC
Storage Temperature Range
T
S
-65 to 150
oC
Item
Symbol
Rating
Unit
Notes: 1. The max. output current may be as high as 20 mA, independent of the magnitude of V
CC , output short circuits to
V
CC can cause excessive heating and eventual destruction.
2. This magnitude of input current will only occur if the leads are driven more negative than ground or the negative
supply voltage. This is due to the input PNP collector base junction becooming forward biased, acting as an input
clamp diode. There is also a lateral PNP parasitic transistor action which can cause the output voltage of the
comparators to go to the V
CC voltage level (or ground if overdrive is large) during the time that an input is driven
negative. This will not destroy the device when limited to the max rating and normal output states will recover
when inputs become > ground or negative supply.
3. At output switch point, V
O = 1.4 Vdc, RS = 100 Ω with VCC from 5.0 Vdc to 30 Vdc, and over the full input
common mode range (0V to V
CC = –1.5V).
4. Due to the PNP transistor inputs, bias current will flow out of the inputs. This current is essentially constant,
independent of the output state, therefore, no loading changes will exist on the input lines.
5. Response time is specified with a 100mV step and 5.0mV of overdrive. For larger signals, 300ns is typical.
6. Positive excursions of input voltage may exceed the power supply level. As long as one of the inputs remain within
the common-mode range, the comparator will provide the proper output state.
5-3


Similar Part No. - LM339

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
NXP Semiconductors
LM339 PHILIPS-LM339 Datasheet
75Kb / 10P
Quad voltage comparator
1995 Nov 27
logo
STMicroelectronics
LM339 STMICROELECTRONICS-LM339 Datasheet
163Kb / 10P
LOWPOWER QUAD VOLTAGE COMPARATORS
Mar-2003
logo
Intersil Corporation
LM339 INTERSIL-LM339 Datasheet
64Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
More results

Similar Description - LM339

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM139 STMICROELECTRONICS-LM139 Datasheet
163Kb / 10P
LOWPOWER QUAD VOLTAGE COMPARATORS
Mar-2003
TS3V3704 STMICROELECTRONICS-TS3V3704 Datasheet
59Kb / 6P
3V MICROPOWER QUAD VOLTAGE COMPARATORS
Oct-1997
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
156Kb / 6P
LOW POWER QUAD VOLTAGE COMPARATORS
CM339 ETC-CM339 Datasheet
629Kb / 7P
LOW POWER QUAD VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
Quad Low-Power Voltage Comparators
logo
STMicroelectronics
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
26-Feb-2007
LM339DT STMICROELECTRONICS-LM339DT Datasheet
483Kb / 16P
Low-power quad voltage comparators
28-Apr-2009
logo
Texas Instruments
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
logo
First Silicon Co., Ltd
FA339P FS-FA339P Datasheet
333Kb / 4P
QUAD VOLTAGE COMPARATORS
logo
New Japan Radio
NJM339C NJRC-NJM339C Datasheet
310Kb / 7P
Low power quad voltage comparators
ver.07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com