Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCE278-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPCE278-DOC
Description  PCI Express x4, Gen3 XMC Carrier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPCE278-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPCE278-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPCE278-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TPCE278
PCI Express x4, Gen3 XMC Carrier
TPCE278-11R
Application Information
The TPCE278 is a standard height PCI Express Revision
3.0 compatible module that provides one slot for a single-
width XMC module used to build modular, flexible and cost
effective I/O solutions for all kinds of applications like
process control, medical systems, telecommunication and
traffic control.
The TPCE278 is a versatile solution to upgrade well
known XMC I/O solutions to the PCI Express signalling
standard.
The PCI Express x4 link from the host board to the XMC
module is enhanced by a PCIe Gen3 Redriver, allowing
safe operation of XMC modules on PCIe mainboards.
VPWR is selectable via order option. The TPCE278-x0R
variants provide 12V VPWR and the TPCE278-x1R order
options provide 5V VPWR.
The TPCE278 supports XMC front panel I/O, and also P14
and P16 rear I/O independently.
XMC P14 rear I/O is provided through a Tyco AMPMODU
System 50 0.050x0.100 flat ribbon cable connector. The
I/O lines are routed differentially.
XMC P16 rear I/O is implemented through two Samtec
QTH-DP 0.50mm Q Pairs® High Speed Ground Plane
Socket Strip, Differential Pair connector providing access
to all P16 I/O lines.
The PCIe edge card connector provides +12V and +3.3V.
The TPCE278-1xR uses the +12V of the PCIe edge card
connector to generate all power supply voltages for the
XMC slot (+3.3V, VPWR and +12V).
According to the PCIe specification, a PCIe x4 card is
allowed to use 25W on the +12V which allows to operate
most of the available XMC modules on the TPCE278-1xR.
For increased power requirements of an XMC module, the
TPCE278-2xR offer a PCIe Graphics Power Connector to
supply the +12V for generating all the power supply
voltages for the XMC slot providing power of up to 75W.
A 10-pin JTAG header is available for XMC module
debugging purposes. All five JTAG signals are routed
directly to the XMC slot.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.3
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPCE278-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPCE275 TEWS-TPCE275 Datasheet
189Kb / 2P
PCI Express x1, Gen1 XMC Carrier
2017-08-31
TPCE275-10R TEWS-TPCE275-10R Datasheet
189Kb / 2P
PCI Express x1, Gen1 XMC Carrier
2017-08-31
TPCE275-11R TEWS-TPCE275-11R Datasheet
189Kb / 2P
PCI Express x1, Gen1 XMC Carrier
2017-08-31
TPCE275-20R TEWS-TPCE275-20R Datasheet
189Kb / 2P
PCI Express x1, Gen1 XMC Carrier
2017-08-31
TPCE275-21R TEWS-TPCE275-21R Datasheet
189Kb / 2P
PCI Express x1, Gen1 XMC Carrier
2017-08-31
More results

Similar Description - TPCE278-DOC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-6510 ETC2-CPCI-6510 Datasheet
564Kb / 2P
One PCI-Express x8 XMC site
CPCI-6520 ETC2-CPCI-6520 Datasheet
541Kb / 2P
USB 3.0 and PCI-Express Gen3 support
CPCI-6920 ETC2-CPCI-6920 Datasheet
587Kb / 2P
64bit/66MHz PMC/PCI-Express x8 XMC
logo
AVAGO TECHNOLOGIES LIMI...
PEX8714 AVAGO-PEX8714 Datasheet
375Kb / 4P
PCI Express Gen3 Switch
PEX8718 AVAGO-PEX8718 Datasheet
348Kb / 4P
PCI Express Gen3 Switch
PEX8734 AVAGO-PEX8734 Datasheet
556Kb / 5P
PCI Express Gen3 Switch
PEX8750 AVAGO-PEX8750 Datasheet
565Kb / 5P
PCI Express Gen3 Switch
PEX8764 AVAGO-PEX8764 Datasheet
590Kb / 5P
PCI Express Gen3 Switch
PEX8780 AVAGO-PEX8780 Datasheet
540Kb / 5P
PCI Express Gen3 Switch
PEX8796 AVAGO-PEX8796 Datasheet
570Kb / 5P
PCI Express Gen3 Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com