Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCE278-DOC Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TPCE278-DOC
Description  PCI Express x4, Gen3 XMC Carrier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPCE278-DOC Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TPCE278-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPCE278-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Embedded I/O Company
Technical Information
 Form Factor: PCI Express x4, Revision 3.0
 Board size: approx. 257mm x 111mm
 One XMC Slot:
 PCIe Interface: x4, Rev. 3.0
 XMC Front Panel I/O
 XMC P14 I/O connected to Tyco AMPMODU
System 50 0.050x0.100 connector
 XMC P16 I/O connected to two Samtec QTH-DP
0.50mm Q Pairs® High Speed Ground Plane
Socket Strip, Differential Pair connectors
 All XMC Power Supplies generated from +12V
 TPCE278-1xR: +12V from PCIe edge card
connector
 TPCE278-2xR: +12V from PCIe Graphics Power
Connector
 JTAG:
 10-pin header with all five JTAG signals routed to
XMC connector
 Operating temperature: -40°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C):
TPCE278-10R: 564000h
TPCE278-11R: 551000h
TPCE278-20R: 505000h
TPCE278-21R: 494000h
Order Information
RoHS Compliant
TPCE278-10R
1 Slot XMC Carrier, PCIe x4, VPWR = 12V, 12V from PCIe connector
TPCE278-11R
1 Slot XMC Carrier, PCIe x4, VPWR = 5V, 12V from PCIe connector
TPCE278-20R
1 Slot XMC Carrier, PCIe x4, VPWR = 12V, 12V from PCIe Graphics connector
TPCE278-21R
1 Slot XMC Carrier, PCIe x4, VPWR = 5V, 12V from PCIe Graphics connector
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TPCE278-DOC
User Manual
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.3
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com