Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS1 Datasheet(PDF) 1 Page - Metcal

Part # WS1
Description  60W Dual Output System w/ Internal Pump Data Sheet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS1 Datasheet(HTML) 1 Page - Metcal

  WS1 Datasheet HTML 1Page - Metcal WS1 Datasheet HTML 2Page - Metcal WS1 Datasheet HTML 3Page - Metcal WS1 Datasheet HTML 4Page - Metcal WS1 Datasheet HTML 5Page - Metcal WS1 Datasheet HTML 6Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Makes Desoldering Clean and Easy
Metcal's MFR-1300 Desoldering System is a powerful, cost-
effective system with a small footprint. With 0.7 bar of vacuum
suction force, both the MR-1350 and MR-1351 have what it takes to
make through-hole desoldering clean and easy.
Each system includes a Desoldering Pistol with a large capacity,
easy to change solder collection chamber to ensure minimum
downtime. The pistol can easily be converted to a pencil grip for
additional control. Metcal offers a wide range of long life desoldering
tips that will keep your equipment working efficientl .
The MFR-1351 unit has both desoldering and soldering
capabilities, eliminating the need for two separate units. The MFR-
1351 uses SmartHeat®, a microprocessor controlled system which
operates at lower temperatures and eliminates calibration time.
The MFR-1300 series is the best choice for small or large
production environments which need exceptional desoldering and
soldering performance from a unit with a small footprint.
MFR-1300 Series Features and Benefits
• Self-contained internal pump and large capacity collection
chamber makes desoldering easy
• Pistol handpiece can easily be converted to a pencil grip
• SmartHeat® technology operates at lower and safer
temperatures and eliminates overshoot.
• No calibration required which saves money and down-time.
www.metcal.com
Technical Specifications
Part Number
MFR-1350 / MFR-1351
Input Line Voltage
100-240 VAC
Input Line Frequency
50/60Hz
Power Consumption
110W Max. (Power Supply MFR-PS1300)
Output Power
60 Watts Max*
Output Frequency
450 KHz
Idle Tip Temperature Stability
+/- 1.1°C (2°F) in Still Air
Ambient Operating Temperature
10 - 40°C (50 - 104°F)
Maximum Enclosure Temperature
55°C (131°F)
Noise level
< 55 dB
Vacuum Suction Force
0.7 bar (21” Hg at vacuum pump @ sea
level)
Power Cord (3-wire)
183cm (72”)
Desolder Hand-piece Cable Length
152cm (60”), burn proof, ESD safe
Solder Hand-piece Cable Length
122cm (48”), burn proof, ESD safe
Hand-piece Connector
8 pin power connector
Tip to Ground Potential
<2mV
Tip to Ground Resistance
<2 Ohms
Surface Resistivity
105 – 109 Ohms
Approvals
cTUVus, CE
Dimensions (approx.) W x D x H
170 x 200 x 152.5mm (7” x 8” x 6”)
Workstand Dimensions
100 x 200 x 100mm (4” x 8” x 4”)
* RF SmartHeat Technology provides greater power. For more details,
visit www.metcal.com/smartheat
Desoldering
pistol can easily
be changed to
a pencil grip for
additional control.
Large capacity
desoldering
collection
chamber is easy to
change, reducing
downtime
Metcal MFR-1300 Series
60W Dual Output System w/ Internal Pump
Data Sheet


Similar Part No. - WS1

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
WS1 E-SWITCH-WS1 Datasheet
805Kb / 3P
WS1 Series Snap Action Switch
logo
OKI electronic componet...
WS1 OKI-WS1 Datasheet
5Mb / 64P
Soldering Tools and Equipment for Electronics Assembly
logo
Metcal
WS1 METCAL-WS1 Datasheet
367Kb / 2P
Hand Soldering, Desoldering, & Rework
WS1 METCAL-WS1 Datasheet
4Mb / 9P
60W Single Output Solder / Rework System
WS1 METCAL-WS1 Datasheet
1Mb / 8P
Dual Output 60W Solder / Rework Station Series
8/2016
More results

Similar Description - WS1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX865 MAXIM-MAX865 Datasheet
89Kb / 8P
Compact, Dual-Output Charge Pump
Rev 1; 7/97
logo
List of Unclassifed Man...
NAD-601X ETC-NAD-601X Datasheet
42Kb / 2P
60W Open Frame Dual Output
logo
Mean Well Enterprises C...
D-60 MEANWELL-D-60 Datasheet
385Kb / 2P
60W Dual Output Switching Power Supply
RPD-60 MEANWELL-RPD-60 Datasheet
411Kb / 2P
60W Dual Output Medical Type
logo
RSG Electronic Componen...
D-60A RSG-D-60A Datasheet
159Kb / 2P
60W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
D-60 MEANWELL-D-60_10 Datasheet
392Kb / 2P
60W Dual Output Switching Power Supply
RPD-60 MEANWELL-RPD-60_11 Datasheet
422Kb / 2P
60W Dual Output Medical Type
RPD-60 MEANWELL-RPD-60_12 Datasheet
437Kb / 2P
60W Dual Output Medical Type
logo
Murata Manufacturing Co...
LBWA1KL1FX-TEMP MURATA-LBWA1KL1FX-TEMP Datasheet
656Kb / 30P
W-LAN Module Data Sheet
logo
Murata Manufacturing Co...
CMWC1ZZABR-107 MURATA1-CMWC1ZZABR-107 Datasheet
936Kb / 19P
W-LAN Module Data Sheet
2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com