Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CVC-XCH0010P Datasheet(PDF) 4 Page - Metcal

Part # CVC-XCH0010P
Description  Connection Validation™ Soldering Station
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

CVC-XCH0010P Datasheet(HTML) 4 Page - Metcal

  CVC-XCH0010P Datasheet HTML 1Page - Metcal CVC-XCH0010P Datasheet HTML 2Page - Metcal CVC-XCH0010P Datasheet HTML 3Page - Metcal CVC-XCH0010P Datasheet HTML 4Page - Metcal CVC-XCH0010P Datasheet HTML 5Page - Metcal CVC-XCH0010P Datasheet HTML 6Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications
CV-5200 Series
Connection Validation™ Soldering Station
Cartridge & Heater Series Legend
Cartridge Series
•
CVC – Connection Validation Cartridges,
Connection Validation enabled
•
SMC – Surface Mount Cartridges
•
New cartridge series to be added soon
Heater Series – represented by the x in the part
number.
•
5-500 series heaters
•
6-600 series heaters
•
7-700 series heaters
•
8-800 series heaters
•
9-900 series heaters
BL
Blade
KN
Knife
BV
Bevel
MH
Mini-Hoof
CH
Chisel
QD
Quad
CN
Conical
SC
Slotted
Cylindrical
CP
Hollow Cup
SH
Shield
TN
Tunnel
SL
Slot
HF
Hoof
WV
Wave
HK
Hook
FB
Flat Blade
HP
Hot Plate
VC
V-Groove Chisel
HS
Heat Stake
PC
Pin Connector
LG
Long Groove
SK
Socket
Dimensions
Four digit numerical value, which represents the key dimension of the
geometry.
Special Designator
Provides an additional level of identification to the cartridge to better
identify any unique attributes
A
Access
additional length in one axis, >10mm
D
Deep Taper
H
High Mass
Similar in design to another tip geometry
with increased thermal mass
J
Reach with Taper
additional length >10mm with a change in
axis, Taper
L
Long Life
increased tip plating
N
Non-Wetting
1 or more surfaces that are non-wetting
P
Power
reduced length in one-axis, <6.5mm
Q
Square
Square end feature for Flat Blade
geometry
R
Reach
additional length >10mm with a change in
axis
S
Standard
T
Taper
Taper with Step
U
Round
Round end feature for Flat Blade
geometry
V
Concave
W Enlarged Wetting
Area
X
Power & Long Life
reduced length in one-axis, <6.5mm,
increased tip plating
Geometry
New Cartridge Smart Numbering Scheme
With the introduction of
Connection Validation,
Metcal is migrating to a
new smart numbering
convention that is designed
to assist the operator or
the process engineer in the
selection of the correct
cartridge for the
application.
Note: STTC/SMTC cartridges will not work on CV-5200 series systems.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com