Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CVC-XCH0010P Datasheet(PDF) 2 Page - Metcal

Part # CVC-XCH0010P
Description  Connection Validation™ Soldering Station
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

CVC-XCH0010P Datasheet(HTML) 2 Page - Metcal

  CVC-XCH0010P Datasheet HTML 1Page - Metcal CVC-XCH0010P Datasheet HTML 2Page - Metcal CVC-XCH0010P Datasheet HTML 3Page - Metcal CVC-XCH0010P Datasheet HTML 4Page - Metcal CVC-XCH0010P Datasheet HTML 5Page - Metcal CVC-XCH0010P Datasheet HTML 6Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications
The intermetallic compound thickness is critical in
the formation of a solder joint. Connection Validation
(CV) evaluates the quality of the solder joint by
calculating the intermetallic compound formation and
provides closed loop feedback to the operator.
CV provides feedback to the operator via the LED
light ring integrated in the hand-piece. It takes the
risk associated with the variables involved in the
soldering activity and removes the success and failure
determination of a good solder joint out of the hands
of the operator.
CV complements the skill of the operator to judge
the quality of a solder joint by introducing an
objective method of evaluating solder joint quality.
This systemic and objective approach provides
repeatability and a measureable standard to the
soldering process.
CV-5200 Series
Connection Validation™ Soldering Station
Features and Benefits
•
SmartHeat® Power-on-Demand Technology
•
Patented ConnectionValidation IMC Formation
Technology
•
2.8” color touchscreen with bold graphics
•
Communications Port for process traceability
data and firmware graphics
•
Integrated Net Power Meter and power graph
°
With optional precise tip temperature display
•
Patented Chip-in-Cartridge technology
°
Closed-loop bi-directional communication
°
Stores and records cartridge attributes
°
Provides traceability information
°
Protects power supply from non-conforming
cartridges
°
Backwards compatible with MX series power
supplies
•
Password protection
Tip temperature displayed
on large color screen.
LED equipped hand piece
signals to operator when
a good solder joint is
formed.
CV-5200 Connection Validation Power Supply
Ambient Operating Temp.
10 to 40 °C
Max. Enclosure Temp.
55°C
Input Line Voltage
100 – 240 VAC, grounded circuit
Input Line Frequency
50/60 Hz
Rated Power Consumption
125W
Output Power
80W max.
Output Frequency
13.56 MHz
Heating Method
Induction
Display
2.8” Color TFT LCD Display
Resolution
320*240 RGB
Size
2.8” Diagonal
Active Area
43.20 x 57.60 mm
Connections
Single Port
Communications
USB
Power Supply Dim. w x d x h
(mm)
121 x 130 x 235
Power Supply Weight (kg)
3.35
Certification / Marking
CE TUV
Tip-to- Ground Potential
<2mV
Tip-to-Ground Resistance
<2ohms
Idle Temperature Stability
1.1°C in still air
Tip Temperature Accuracy
Meets or exceeds IPC J-STD-001
Standard
Hand-piece cable length
L=183cm (72”), burn proof, ESD
safe
Hand-piece connectors
RF Connector
F type power connector
LED Power Connector
6 pin DIN
Operation
2 single port or dynamic dual
simultaneous
Firmware upgrade
Via USB port and appropriate
software with compatible
computer and cables.
System Configuration
Technical Specifications
The CV-5210 soldering station includes:
•
CV Power supply
•
CV-H1-AV: Advanced hand-piece switch with
integrated LED light*
•
MX-W1AV: TipSaver Workstand*
Additional system configurations will be available soon.
*Can be ordered separately.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com