Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPMC385-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPMC385-DOC
Description  Conduction Cooled, 4x 10/100/1000 Mbit/s Ethernet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC385-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPMC385-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPMC385-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TPMC385
Conduction Cooled, 4x 10/100/1000 Mbit/s Ethernet
Application Information
The TPMC385 is a Conduction Cooled PCI Mezzanine
Card (CCPMC) compatible module providing a four
channel Ethernet 10BASE-T / 100BASE-TX / 1000BASE-
T interface.
A transparent 64 bit, up to 133 MHz PCI-X/PCI to PCIe
Bridge and a PCIe Switch provide access to the Intel™
82574IT Gigabit Ethernet controllers. Each Ethernet
interface supports 10, 100 and 1000Mbit/s transmission
rates
for
full
duplex
operation,
10
and
100Mbit/s
transmissions for half duplex operation, and is equipped
with a 32 Kbit Serial EEPROM.
The four Ethernet interfaces of the TPMC385 are capable
of performing an auto negotiation algorithm which allows
both link-partners to find out the best link-parameters by
themselves. The TPMC385 is widely user configurable via
configuration and status register access over the PCI bus.
The TPMC385-10R routes all four 10/100/1000Mbit/s
Ethernet ports to the PMC back I/O P14 connector.
All ports are galvanically isolated from the Ethernet
controllers and LEDs on the board indicate the different
network activities.
The module meets the requirements to operate in
extended temperature range from -40° to +85°C.
Software Support:
o
Software support for Intel™ 82574IT at www.intel.com
o
For operating systems not supported by Intel™,
please contact TEWS.
Techncial Information
 Form Factor: Conduction cooled single-width 64 bit
PMC module, no front panel
 Board size: 143.75 mm x 74 mm
 PCI 3.0 (up to 66 MHZ) and PCI-X 2.0a (up to
133 MHz) compliant interface
 3.3V PCI signaling with 5V I/O tolerance
 4 Intel™ 82574IT Gigabit Ethernet controllers
 10Base-T / 100Base-TX / 1000Base-T
 Half or full-duplex operation
 For each interface: Configurable receive and transmit
data FIFO, programmable in 1 KB increments
 Operating temperature -40°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C)
TPMC385-10R: 502000 h
EWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.2
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPMC385-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC382 TEWS-TPMC382 Datasheet
95Kb / 1P
Conduction Cooled PMC, 4 x 10/100Mbit/s Ethernet
09/2009
TPMC382-10 TEWS-TPMC382-10 Datasheet
95Kb / 1P
Conduction Cooled PMC, 4 x 10/100Mbit/s Ethernet
09/2009
TPMC382-10R TEWS-TPMC382-10R Datasheet
95Kb / 1P
Conduction Cooled PMC, 4 x 10/100Mbit/s Ethernet
09/2009
TPMC382-DOC TEWS-TPMC382-DOC Datasheet
95Kb / 1P
Conduction Cooled PMC, 4 x 10/100Mbit/s Ethernet
09/2009
TPMC382-ED TEWS-TPMC382-ED Datasheet
95Kb / 1P
Conduction Cooled PMC, 4 x 10/100Mbit/s Ethernet
09/2009
More results

Similar Description - TPMC385-DOC

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3351 PMC-PM3351 Datasheet
32Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
logo
List of Unclassifed Man...
942132003 ETC2-942132003 Datasheet
95Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942132014 ETC2-942132014 Datasheet
97Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942132015 ETC2-942132015 Datasheet
98Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942141019 ETC2-942141019 Datasheet
104Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942141020 ETC2-942141020 Datasheet
105Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942141033 ETC2-942141033 Datasheet
104Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942141034 ETC2-942141034 Datasheet
105Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
logo
PMC-Sierra, Inc
PM3351-1 PMC-PM3351-1 Datasheet
44Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
logo
Schneider Electric
170ENT11001 SCHNEIDER-170ENT11001 Datasheet
126Kb / 2P
Modicon Momentum - Ethernet communication adaptor - 10/100 Mbit/s
Apr 12, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com