Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7323 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7323
Description  Meigs-IIe??- 10 x 1G and 10G Ethernet MAC Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7323 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7323 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7323 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHYSICAL LAYER PRODUCT
VSC7323
FEA TURES:
Ten Triple-Speed Ethernet MACs w/Support for RGMII/GMII/MII
Integrated GbE SERDES for Direct Connection to Optical Modules
Intelligent VLAN and MPLS Identification
Loss less flow Control in Metro Applications up to 10km
10GbE MAC w/Integrated XAUI SERDES Interface Compliant
to IEEE 802.3ae
Low Pin Count, low Power OIF SPI-4.2 System Interface
Extensive Loopback Capabilities for Both Line and System Side
Configurable Parallel or Serial CPU Interface
Dual MIIM Interface for Managing PHY Devices
Independent Egress and Ingress Shaping/Policing
Rate Limiting in 1 Mb/s Increments
802.3ad Compliant Link Aggregation and Trunking
Statistical Support for RMON 1 (RFC2819), IEEE 802.3 Annex
30A, and SNMP (RFC 1213, 1573, and 1643)
Supports Both Minimum Size 64B Frames as well as 9600B
Jumbo Frames
Automatic Generation of PAUSE Frames Based on Programmable
Per Port FIFO Watermarks
VSC7323 Meigs-IIe™ - 10 x 1G and 10G Ethernet MAC Chip
SPECIFICA TIONS:
Implemented in low Power 0.18 micron CMOS Technology, 2.5V/3.3V IO
Industrial Temperature Range (-40ºC to +85ºC)
Standard 5-Pin P1149.1 JTAG Test Port
Packaged in a 728 pin TBGA
APPLICA TIONS:
Enterprise and Metro Ethernet Switches
Multi-Service Provisioning Platforms
Metro SONET/SDH Transport (ADMs)
Edge and Core Aggregation Routers
DWDM Transport Terminals (Wavelength Routers)
APPLICA TION DIAGRAMS:
ETHERNET PRODUCT
PB-VSC7323-001
RGMII/GMII
SPI-4.2
10 x GbE MAC w/
RGMII/GMII
VSC7323
NPU or
ASIC
Switch or
Transceiver
Backplane or
Switch Interface
10 x GbE MAC interfacing to NPU or ASIC
PHY
PHY
STS-1
Grooming TSI
Packet Mapper
with VC and GFP
10 x GbE over SONET/SDH using the VSC9118
SPI-4.2
Backplane
Interface
10 x GbE MAC w/
Integrated Serdes
Serial
O/E
O/E
VSC9185
VSC9118
VSC7323
SPI-4.2
10 GbE MAC w/
Integrated XAUI
XAUI
Backplane or
Switch Interface
10 GbE MAC interfacing to NPU or ASIC
VSC7323
NPU or
ASIC
Switch or
Transceiver
O/E
Enterprise
Access
Metro
Core


Similar Part No. - VSC7323

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7324 VITESSE-VSC7324 Datasheet
478Kb / 2P
24x10/100/1000 Ethernet MAC with SPI-4.2 System Interface
More results

Similar Description - VSC7323

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111 Datasheet
1Mb / 142P
10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
ASIX Electronics Corpor...
AX11015 ASIX-AX11015 Datasheet
165Kb / 2P
Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
AX11001 ASIX-AX11001 Datasheet
144Kb / 2P
Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
Integrated 10/100 Ethernet MAC PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
10/100 Ethernet MAC and PHY
logo
Synaptics Incorporated.
CX92125 CONEXANT-CX92125 Datasheet
222Kb / 2P
Integrated 10/100 Ethernet MAC
CX92235 CONEXANT-CX92235 Datasheet
222Kb / 2P
Integrated 10/100 Ethernet MAC
logo
Microchip Technology
LAN91C111 MICROCHIP-LAN91C111 Datasheet
1Mb / 125P
10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111_11 Datasheet
1Mb / 133P
10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
Maxim Integrated Produc...
78Q8430 MAXIM-78Q8430 Datasheet
1Mb / 88P
78Q8430 10/100 Ethernet MAC and PHY
Rev. 1.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com