Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7978 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7978
Description  9.9 Gbps - 11.3 Gbps High Gain Transimpedance Amplifier for TO-Can Based ROSA Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7978 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7978 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7978 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BENEFITS:
Lowest Cost 10 Gbps ROSA Solution Designed Specifically
for High Volume XFP Module Applications
SPECIFICA TIONS:
Transimpedance Gain 4k ohm Differential
Low Frequency Cutoff 30kHz
Overload Current 4.5mA
Limiting Output 360mV Differential
3dB Bandwidth in a TO-46 Can 8GHz
NOTE: All Specifications are Typical
BLOCK DIAGRAM:
FEA TURES:
TO-46 Can Compatible Die Size
4k ohm Differential Transimpedance Gain
Low Power, 140mW typ.
Photodetector Cusrrent Monitor Voltage Output
Single +3.3V Power Supply
Integrated Photo Detecotor Bias Circuit
9.9 Gbps – 11.3 Gbps High Gain Transimpedance Amplifier for TO-Can Based ROSA Applications
TRANSPORT PRODUCTS
PB-VSC7978-001
VSC7978


Similar Part No. - VSC7978

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7970 VITESSE-VSC7970 Datasheet
421Kb / 2P
1 to 4 Gbps Transimpedance Amplifiers with Photocurrent Monitor
VSC7971 VITESSE-VSC7971 Datasheet
421Kb / 2P
1 to 4 Gbps Transimpedance Amplifiers with Photocurrent Monitor
VSC7972 VITESSE-VSC7972 Datasheet
421Kb / 2P
1 to 4 Gbps Transimpedance Amplifiers with Photocurrent Monitor
VSC7973 VITESSE-VSC7973 Datasheet
421Kb / 2P
1 to 4 Gbps Transimpedance Amplifiers with Photocurrent Monitor
VSC7975 VITESSE-VSC7975 Datasheet
449Kb / 2P
1/2/4 Gbps Multirate Transimpedance Amplifier
More results

Similar Description - VSC7978

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8531T TI-ONET8531T Datasheet
387Kb / 15P
11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8501T TI-ONET8501T Datasheet
396Kb / 15P
11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
ONET8521T TI1-ONET8521T Datasheet
498Kb / 16P
11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
11.3-Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
11.3 Gbps Limiting Transimpedance Amplifier
ONET8541T TI1-ONET8541T_16 Datasheet
478Kb / 17P
11.3 Gbps Limiting Transimpedance Amplifier
ONET8551T TI1-ONET8551T_16 Datasheet
485Kb / 16P
11.3-Gbps Limiting Transimpedance Amplifier
ONET8531T TI1-ONET8531T_17 Datasheet
329Kb / 17P
11.3 Gbps Limiting Transimpedance Amplifier With RSSI
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com